Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5CE-906M50-K238 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # FAR-F5CE-906M50-K238
Description  Piezoelectric SAW BPF (700 to 1700 MHz)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CE-906M50-K238 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button FAR-F5CE-906M50-K238 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 9Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 10Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 11Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 12Page - Fujitsu Component Limited. FAR-F5CE-906M50-K238 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
F5/F6 Series (K2 type)
9
11. EGSM (Tx)
Part number : FAR-F5CE-897M50-K226
(Ta
= −30 °C to +85 °C)
12. EGSM (Tx) Low Loss type
Part number : FAR-F5CE-897M50-K231
(Ta
= −30 °C to +85 °C)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
880 MHz to 915 MHz
2.5
3.5
dB
Inband ripple
880 MHz to 915 MHz
1.0
2.0
dB
Absolute
attenuation
DC to 845 MHz
20
23
dB
925 MHz to 935 MHz
4.5
8
dB
Ta
= −30 °C to +25 °C
7dB
Ta
= +25 °C to +85 °C
935 MHz to 2000 MHz
25
30
dB
Inband VSWR
(Return loss)
880 MHz to 915 MHz
(6.8)
2.2
(8.5)
2.7
(
)
(dB)
Parameter
Conditions
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
880 MHz to 915 MHz
2.3
3.0
dB
Inband ripple
880 MHz to 915 MHz
1.0
1.5
dB
Absolute
attenuation
DC to 800 MHz
17
19
dB
800 MHz to 860 MHz
15
25
dB
925 MHz to 935 MHz
4

dB
935 MHz to 960 MHz
20
25
dB
960 MHz to 1850 MHz
20
25
dB
1850 MHz to 3000 MHz
7
12
dB
Inband VSWR
(Return loss)
880 MHz to 915 MHz
(8.5)
2.0
(9.5)
2.2
(
)
(dB)


Similar Part No. - FAR-F5CE-906M50-K238

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-906M00-K211-U FUJITSU-FAR-F5CE-906M00-K211-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-906M00-K211-V FUJITSU-FAR-F5CE-906M00-K211-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-906M00-K211-W FUJITSU-FAR-F5CE-906M00-K211-W Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-906M00-K215-U FUJITSU-FAR-F5CE-906M00-K215-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-906M00-K215-V FUJITSU-FAR-F5CE-906M00-K215-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CE-906M50-K238

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CH FUJITSU-FAR-F5CH Datasheet
441Kb / 39P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com