Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX79C36 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # BZX79C36
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

BZX79C36 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  BZX79C36 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. BZX79C36 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - BZX79C36

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX79C36 FAIRCHILD-BZX79C36 Datasheet
47Kb / 5P
   Zeners
logo
Taiwan Semiconductor Co...
BZX79C36 TSC-BZX79C36 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
logo
EIC discrete Semiconduc...
BZX79C36 EIC-BZX79C36 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Zibo Seno Electronic En...
BZX79C36 ZSELEC-BZX79C36 Datasheet
70Kb / 3P
   500mW Silicon Planar Pow
logo
First Components Intern...
BZX79C36 FCI-BZX79C36 Datasheet
96Kb / 2P
   1/2 Watt ZENER DIODES (2.4V to 75V)
More results

Similar Description - BZX79C36

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com