Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3221 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ICL3221
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3221 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ICL3221 Datasheet HTML 4Page - Intersil Corporation ICL3221 Datasheet HTML 5Page - Intersil Corporation ICL3221 Datasheet HTML 6Page - Intersil Corporation ICL3221 Datasheet HTML 7Page - Intersil Corporation ICL3221 Datasheet HTML 8Page - Intersil Corporation ICL3221 Datasheet HTML 9Page - Intersil Corporation ICL3221 Datasheet HTML 10Page - Intersil Corporation ICL3221 Datasheet HTML 11Page - Intersil Corporation ICL3221 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN4805.21
March 1, 2006
Absolute Maximum Ratings
Thermal Information
VCC to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
V+ to Ground . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 7V
V- to Ground. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +0.3V to -7V
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14V
Input Voltages
TIN, FORCEOFF, FORCEON, EN, SHDN . . . . . . . . . -0.3V to 6V
RIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±25V
Output Voltages
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±13.2V
ROUT, INVALID. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC +0.3V
Short Circuit Duration
TOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Continuous
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . See Specification Table
Operating Conditions
Temperature Range
ICL32XXCX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
ICL32XXIX . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to 85°C
Thermal Resistance (Typical, Note 3)
θJA (°C/W)
16 Ld PDIP Package* . . . . . . . . . . . . . . . . . . . . . . .
90
18 Ld PDIP Package* . . . . . . . . . . . . . . . . . . . . . . .
80
20 Ld PDIP Package* . . . . . . . . . . . . . . . . . . . . . . .
77
16 Ld Wide SOIC Package . . . . . . . . . . . . . . . . . . .
100
16 Ld Narrow SOIC Package. . . . . . . . . . . . . . . . . .
115
18 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
75
28 Ld SOIC Package . . . . . . . . . . . . . . . . . . . . . . . .
75
16 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
135
20 Ld SSOP Package . . . . . . . . . . . . . . . . . . . . . . .
122
16 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
145
20 Ld TSSOP Package . . . . . . . . . . . . . . . . . . . . . .
140
28 Ld SSOP and TSSOP Packages . . . . . . . . . . . .
100
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC, SSOP, TSSOP - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1
µF; Unless Otherwise Specified.
Typicals are at TA = 25°C
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
Supply Current, Automatic
Powerdown
All RIN Open, FORCEON = GND, FORCEOFF =VCC
(ICL3221, ICL3223, ICL3243 Only)
25
-
1.0
10
µA
Supply Current, Powerdown
FORCEOFF = SHDN = GND (Except ICL3232)
25
-
1.0
10
µA
Supply Current,
Automatic Powerdown Disabled
All Outputs Unloaded,
FORCEON = FORCEOFF =
SHDN =VCC
VCC = 3.15V,
ICL3221-32
25
-
0.3
1.0
mA
VCC = 3.0V, ICL3241-43
25
-
0.3
1.0
mA
LOGIC AND TRANSMITTER INPUTS AND RECEIVER OUTPUTS
Input Logic Threshold Low
TIN, FORCEON, FORCEOFF, EN, SHDN
Full
-
-
0.8
V
Input Logic Threshold High
TIN, FORCEON, FORCEOFF, EN,
SHDN
VCC = 3.3V
Full
2.0
-
-
V
VCC = 5.0V
Full
2.4
-
-
V
Input Leakage Current
TIN, FORCEON, FORCEOFF, EN, SHDN
Full
-
±0.01
±1.0
µA
Output Leakage Current
(Except ICL3232)
FORCEOFF =GND or EN =VCC
Full
-
±0.05
±10
µA
Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
Output Voltage High
IOUT = -1.0mA
Full
VCC -0.6 VCC -0.1
-
V
AUTOMATIC POWERDOWN (ICL3221, ICL3223, ICL3243 Only, FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
Enable Transmitters
ICL32XX Powers Up (See Figure 6)
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
Disable Transmitters
ICL32XX Powers Down (See Figure 6)
Full
-0.3
-
0.3
V
INVALID Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID Output Voltage High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243


Similar Part No. - ICL3221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3221

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com