Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE1106 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECQE1106
Description  Metallized Polyester Film Capacitor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE1106 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECQE1106 Datasheet HTML 5Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 6Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 7Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 8Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 9Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 10Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 11Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 12Page - Panasonic Semiconductor ECQE1106 Datasheet HTML 13Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC40−
Plastic Film Capacitors
●Rated voltage : 250 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K)
Noise suppression Capacitors (Across-the-line)
Style D:0.010 µF to 0.047 µF
Style B:0.056 µF to 0.47 µF
Table 1
❈Please consult us about Crimed lead type of 0.56 µF to 2.2 µF.
Notice for AC rated
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''.
As for clause 2 of ''Electrical Appliance and Material Safety Law'', please use ECQUL type or ECQUG type.
When using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition.
1. Capacitor shall be connected in parallel with varistor (Specified varistor voltage in table 1.)
2. Voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors.
Cap. Rated Voltage
250 VAC
Varistor voltage
470 V
Pulse voltage
630 V0–P
Suffix for lead crimped or taped type.
Cap. tol. code
MF( )
Part No.
0.010
12.5
5.5
10.8
15.8
10.0
10.0
1.0
0.60
0.012
12.5
6.0
11.5
16.5
10.0
10.0
1.0
0.60
0.015
12.5
6.3
9.9
14.9
10.0
10.0
1.0
0.60
0.018
12.5
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.022
12.5
6.0
11.5
16.5
10.0
10.0
1.0
0.60
0.027
12.5
5.5
10.9
15.9
10.0
10.0
1.0
0.60
0.033
12.5
6.0
11.9
16.9
10.0
10.0
1.0
0.60
0.039
12.5
6.0
13.4
18.4
10.0
10.0
1.0
0.60
0.047
12.5
6.5
14.4
19.4
10.0
10.0
1.0
0.60
0.056
18.5
5.4
10.5
15.5
15.0
10.0
1.0
0.60
0.068
18.5
5.8
11.0
16.0
15.0
10.0
1.0
0.60
0.082
18.5
6.3
12.0
17.0
15.0
10.0
1.0
0.60
0.10
18.5
6.3
14.0
19.0
15.0
10.0
1.0
0.60
0.12
18.5
6.8
14.5
19.5
15.0
10.0
1.0
0.80
0.15
18.5
7.5
15.4
20.4
15.0
10.0
1.0
0.80
0.18
18.5
8.0
16.0
21.0
15.0
10.0
1.0
0.80
0.22
18.5
9.0
16.9
21.9
15.0
10.0
1.0
0.80
0.27
26.0
7.0
16.5
21.5
22.5
15.0
1.0
0.80
0.33
26.0
7.8
17.0
22.0
22.5
15.0
1.0
0.80
0.39
26.0
8.5
17.9
22.9
22.5
15.0
1.0
0.80
0.47
26.0
9.3
18.5
23.5
22.5
15.0
1.0
0.80
0.56
26.0
10.0
20.0
22.5
1.0
0.80
0.68
26.0
11.5
21.0
22.5
1.0
0.80
0.82
26.0
13.0
22.5
22.5
1.0
0.80
1.0
31.0
12.5
21.9
27.5
1.5
0.80
1.2
31.0
13.5
23.0
27.5
1.5
0.80
1.5
31.0
15.3
24.7
27.5
1.5
0.80
1.8
31.0
16.8
27.0
27.5
1.5
0.80
2.2
31.0
19.5
29.0
27.5
1.5
0.80
ECQE2A103
□F( )
ECQE2A123
□F( )
ECQE2A153
□F( )
ECQE2A183
□F( )
ECQE2A223
□F( )
ECQE2A273
□F( )
ECQE2A333
□F( )
ECQE2A393
□F( )
ECQE2A473
□F( )
ECQE2A563
□F( )
ECQE2A683
□F( )
ECQE2A823
□F( )
ECQE2A104
□F( )
ECQE2A124
□F( )
ECQE2A154
□F( )
ECQE2A184
□F( )
ECQE2A224
□F( )
ECQE2A274
□F( )
ECQE2A334
□F( )
ECQE2A394
□F( )
ECQE2A474
□F( )
ECQE2A564P( )( )
ECQE2A684P( )( )
ECQE2A824P( )( )
ECQE2A105P( )( )
ECQE2A125P( )( )
ECQE2A155P( )( )
ECQE2A185P( )( )
ECQE2A225P( )( )
Cap.
(µF)
500
1000
500
400
300
Dimensions (mm)
L max.
T max.
φd
H max.
Straight Crimped lead Straight
F
Crimped lead
S
Straight
G max.
500
Min. order Q'ty
Taping
Standard
5 mm
Odd size
7.5 mm
Bulk
p Œ ¯ ¶
‚ /P33-52
12.11.14 19:29
y [ W
40


Similar Part No. - ECQE1106

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQE1106 PANASONIC-ECQE1106 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE1106 PANASONIC-ECQE1106 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQE1106 PANASONIC-ECQE1106 Datasheet
373Kb / 20P
   Metallized Polyester Film Capacitor
ECQE1106 PANASONIC-ECQE1106 Datasheet
352Kb / 19P
   Plastic Film Capacitors
ECQE1106 PANASONIC-ECQE1106 Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
More results

Similar Description - ECQE1106

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-E4105KF PANASONIC-ECQ-E4105KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A223KLA PANASONIC-ECQ-U2A223KLA Datasheet
137Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E4563KF PANASONIC-ECQ-E4563KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U3A104MG PANASONIC-ECQ-U3A104MG Datasheet
136Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-E12222KF PANASONIC-ECQ-E12222KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6334KF PANASONIC-ECQ-E6334KF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E4474KF PANASONIC-ECQ-E4474KF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6152JF PANASONIC-ECQ-E6152JF Datasheet
467Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-E6105JF PANASONIC-ECQ-E6105JF Datasheet
352Kb / 19P
   Metallized Polyester Film Capacitor
ECQ-U2A824MLA PANASONIC-ECQ-U2A824MLA Datasheet
115Kb / 2P
   Metallized Polyester Film Capacitor
ECQ-U2A473KL PANASONIC-ECQ-U2A473KL Datasheet
191Kb / 2P
   Metallized Polyester Film Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com