Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3222 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL3222
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3222 Datasheet(HTML) 1 Page - Intersil Corporation

  ICL3222 Datasheet HTML 1Page - Intersil Corporation ICL3222 Datasheet HTML 2Page - Intersil Corporation ICL3222 Datasheet HTML 3Page - Intersil Corporation ICL3222 Datasheet HTML 4Page - Intersil Corporation ICL3222 Datasheet HTML 5Page - Intersil Corporation ICL3222 Datasheet HTML 6Page - Intersil Corporation ICL3222 Datasheet HTML 7Page - Intersil Corporation ICL3222 Datasheet HTML 8Page - Intersil Corporation ICL3222 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
1
®
FN4805.21
ICL3221, ICL3222, ICL3223,
ICL3232, ICL3241, ICL3243
One Microamp Supply-Current, +3V to +5.5V,
250kbps, RS-232 Transmitters/Receivers
The Intersil ICL32XX devices are 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Targeted
applications are PDAs, Palmtops, and notebook and laptop
computers where the low operational, and even lower
standby, power consumption is critical. Efficient on-chip
charge pumps, coupled with manual and automatic
powerdown functions (except for the ICL3232), reduce the
standby supply current to a 1
µA trickle. Small footprint
packaging, and the use of small, low value capacitors ensure
board space savings as well. Data rates greater than
250kbps are guaranteed at worst case load conditions. This
family is fully compatible with 3.3V only systems, mixed 3.3V
and 5.0V systems, and 5.0V only systems.
The ICL324X are 3-driver, 5-receiver devices that provide a
complete serial port suitable for laptop or notebook
computers. Both devices also include noninverting always-
active receivers for “wake-up” capability.
The ICL3221, ICL3223 and ICL3243, feature an
automatic powerdown function which powers down the
on-chip power-supply and driver circuits. This occurs when
an attached peripheral device is shut off or the RS-232
cable is removed, conserving system power automatically
without changes to the hardware or operating system.
These devices power up again when a valid RS-232
voltage is applied to any receiver input.
Table 1 summarizes the features of the devices represented
by this data sheet, while Application Note AN9863
summarizes the features of each device comprising the
ICL32XX 3V family.
Features
• Pb-Free Plus Anneal Available as an Option
(RoHS Compliant) (See Ordering Info)
• 15kV ESD Protected (Human Body Model)
• Drop in Replacements for MAX3221, MAX3222,
MAX3223, MAX3232, MAX3241, MAX3243, SP3243
• ICL3221 is Low Power, Pin Compatible Upgrade for 5V
MAX221
• ICL3222 is Low Power, Pin Compatible Upgrade for 5V
MAX242, and SP312A
• ICL3232 is Low Power Upgrade for HIN232/ICL232 and
Pin Compatible Competitor Devices
• RS-232 Compatible with VCC = 2.7V
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
0.1
µF Capacitors
• Manual and Automatic Powerdown Features (Except
ICL3232)
• Guaranteed Mouse Driveability (ICL324X Only)
• Receiver Hysteresis For Improved Noise Immunity
• Guaranteed Minimum Data Rate . . . . . . . . . . . . . 250kbps
• Guaranteed Minimum Slew Rate . . . . . . . . . . . . . . . 6V/
µs
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . . .1
µA
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Digital Cameras
- Cellular/Mobile Phones
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3221
1
1
0
250
Yes
No
Yes
Yes
ICL3222
2
2
0
250
Yes
No
Yes
No
ICL3223
2
2
0
250
Yes
No
Yes
Yes
ICL3232
2
2
0
250
No
No
No
No
ICL3241
3
5
2
250
Yes
No
Yes
No
ICL3243
3
5
1
250
No
No
Yes
Yes
Data Sheet
March 1, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 1999-2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ICL3222

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3222 INTERSIL-ICL3222 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222 INTERSIL-ICL3222 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222 INTERSIL-ICL3222 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222 INTERSIL-ICL3222 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3222 INTERSIL-ICL3222 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
More results

Similar Description - ICL3222

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3232IBNZ-T INTERSIL-ICL3232IBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CBNZ-T INTERSIL-ICL3232CBNZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3241CBZ INTERSIL-ICL3241CBZ Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221CAZ-T INTERSIL-ICL3221CAZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ICL3221 RENESAS-ICL3221 Datasheet
1Mb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ICL3232CV-T INTERSIL-ICL3232CV-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3221 INTERSIL-ICL3221 Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3232CVZ-T INTERSIL-ICL3232CVZ-T Datasheet
662Kb / 28P
   One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
   1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
ISL83385E INTERSIL-ISL83385E Datasheet
94Kb / 11P
   15kV ESD Protected, 3V to 5.5V, /-1 Microamp, 250kbps, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com