Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ0EB1H822K Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECJ0EB1H822K
Description  Multilayer Ceramic Capacitors(For General Usage)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECJ0EB1H822K Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button ECJ0EB1H822K Datasheet HTML 4Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 5Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 6Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 7Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 8Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 9Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 10Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 11Page - Panasonic Semiconductor ECJ0EB1H822K Datasheet HTML 12Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
– EC16 –
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer Ceramic Capacitors(For General Usage)
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
CK
CJ
CH
CG
0.5 ±0.25 pF (C) ECJ1VC1H0R5C
0.8
——
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ1VC1H010
0.8
——
1.5
ECJ1VC1H1R5
0.8
——
2
ECJ1VC1H020
0.8
——
3
ECJ1VC1H030
0.8
——
4
ECJ1VC1H040
0.8
5
ECJ1VC1H050
0.8
6
±0.5 pF (D)
ECJ1VC1H060D
0.8
7
ECJ1VC1H070D
0.8
8
ECJ1VC1H080D
0.8
9
ECJ1VC1H090D
0.8
10
±0.5 pF (D)
or ±1 pF (F)
ECJ1VC1H100
0.8
12
±5 % (J)
or
±10 % (K)
ECJ1VC1H120
0.8
15
ECJ1VC1H150
0.8
18
ECJ1VC1H180
0.8
22
ECJ1VC1H220
0.8
27
ECJ1VC1H270
0.8
33
ECJ1VC1H330
0.8
39
ECJ1VC1H390
0.8
47
ECJ1VC1H470
0.8
56
ECJ1VC1H560
0.8
68
ECJ1VC1H680
0.8
82
ECJ1VC1H820
0.8
100
ECJ1VC1H101
0.8
120
ECJ1VC1H121
0.8
150
ECJ1VC1H151
0.8
180
ECJ1VC1H181
0.8
220
ECJ1VC1H221
0.8
270
ECJ1VC1H271
0.8
330
ECJ1VC1H331
0.8
390
ECJ1VC1H391
0.8
470
ECJ1VC1H471
0.8
560
ECJ1VC1H561
0.8
680
ECJ1VC1H681
0.8
820
ECJ1VC1H821
0.8
1000
ECJ1VC1H102
0.8
Standard Products for EIA “0603”, Taped Version
● Class 1
◆ Temperature Characteristic Code : C (Temp. Char. : C∆)
: Capacitance tolerance code.
Standard packaging quantity of Packaging Style Code “V” (T = 0.8 mm): 4,000 pcs./reel
Recommend soldering method: Reflow soldering.
Rated voltage
DC 50 V
Capaci-
tance
(pF)
Capacitance
Tolerance
Part No.
Dim.
T
(mm)
Temp.
Char.
SL
0.5 ±0.25 pF (C) ECJ1VG1H0R5C
0.8
1
±0.25 pF (C)
or
±0.5 pF (D)
ECJ1VG1H010
0.8
1.5
ECJ1VG1H1R5
0.8
2
ECJ1VG1H020
0.8
3
ECJ1VG1H030
0.8
4
ECJ1VG1H040
0.8
5
ECJ1VG1H050
0.8
6
±0.5 pF (D)
ECJ1VG1H060D
0.8
7
ECJ1VG1H070D
0.8
8
ECJ1VG1H080D
0.8
9
ECJ1VG1H090D
0.8
10
±0.5 pF (D)
or ±1 pF (F)
ECJ1VG1H100
0.8
12
±5 % (J)
or
±10 % (K)
ECJ1VG1H120
0.8
15
ECJ1VG1H150
0.8
18
ECJ1VG1H180
0.8
22
ECJ1VG1H220
0.8
27
ECJ1VG1H270
0.8
33
ECJ1VG1H330
0.8
39
ECJ1VG1H390
0.8
47
ECJ1VG1H470
0.8
56
ECJ1VG1H560
0.8
68
ECJ1VG1H680
0.8
82
ECJ1VG1H820
0.8
100
ECJ1VG1H101
0.8
120
ECJ1VG1H121
0.8
150
ECJ1VG1H151
0.8
180
ECJ1VG1H181
0.8
220
ECJ1VG1H221
0.8
270
ECJ1VG1H271
0.8
330
ECJ1VG1H331
0.8
390
ECJ1VG1H391
0.8
470
ECJ1VG1H471
0.8
560
ECJ1VG1H561
0.8
680
ECJ1VG1H681
0.8
820
ECJ1VG1H821
0.8
1000
ECJ1VG1H102
0.8
◆ Temperature Characteristic Code : G (Temp. Char. : SL)
Sep. 2008
00


Similar Part No. - ECJ0EB1H822K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ0EB1H822K PANASONIC-ECJ0EB1H822K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
ECJ0EB1H822K PANASONIC-ECJ0EB1H822K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EB1H822K PANASONIC-ECJ0EB1H822K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EB1H822K PANASONIC-ECJ0EB1H822K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ0EB1H822K PANASONIC-ECJ0EB1H822K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
More results

Similar Description - ECJ0EB1H822K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-2VB1H223K PANASONIC-ECJ-2VB1H223K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H330J PANASONIC-ECJ-1VC1H330J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2VC1H120J PANASONIC-ECJ-2VC1H120J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1C473K PANASONIC-ECJ-1VB1C473K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H104Z PANASONIC-ECJ-1VF1H104Z Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VF1H473Z PANASONIC-ECJ-1VF1H473Z Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-0EC1H220J PANASONIC-ECJ-0EC1H220J Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VC1H270J PANASONIC-ECJ-1VC1H270J Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-2FB1C474K PANASONIC-ECJ-2FB1C474K Datasheet
252Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1H333K PANASONIC-ECJ-1VB1H333K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
ECJ-1VB1A334K PANASONIC-ECJ-1VB1A334K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors(For General Usage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com