Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F1DA-8M4480-G204 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FAR-F1DA-8M4480-G204
Description  TIMING EXTRACTION BANDPASS FILTER (1.5 to 100MHz)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F1DA-8M4480-G204 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FAR-F1DA-8M4480-G204 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F1DA-8M4480-G204 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F1DA-8M4480-G204 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F1DA-8M4480-G204 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F1DA-8M4480-G204 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F1DA-8M4480-G204 Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F1DA-8M4480-G204 Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F1DA-8M4480-G204 Datasheet HTML 8Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
F1/F2/F3 SERIES
s ELECTRICAL CHARACTERISTICS
s TEST CIRCUIT
No.
Standard
frequency
(MHz)
Part number
Specification
Load Q
Insertion
loss, IL (dB)
Phase
rotation
θ
(degree)
Terminating
impedance
Z (
Ω)
1
1.544
FAR-F1DA-1M5440-G201
110 ±20
3 or less
–90±20
790
2
1.544
FAR-F1DA-1M5440-G202
110 ±20
3 or less
–90±20
1000
3
1.544
FAR-F1DA-1M5440-G203
60 ±10
3 or less
–95±10
2035/20pF
4
1.544
FAR-F1DA-1M5440-G205
110 ±20
3 or less
–90±20
2000
5
2.048
FAR-F1DA-2M0480-G201
40 ±10
3 or less
–90±10
2035
6
2.048
FAR-F1DA-2M0480-G202
100 ±20
3 or less
–90±20
1000
7
3.088
FAR-F1DA-3M0880-G201
150 ±20
3 or less
–90±20
640
8
3.152
FAR-F1DA-3M1520-G201
85 ±15
3 or less
–90±15
1285
9
4.096
FAR-F1DA-4M0960-G201
110 ±20
3 or less
–90±20
750
10
6.312
FAR-F1DA-6M3120-G201
110 ±20
3 or less
–90±20
985
11
6.312
FAR-F1DA-6M3120-G202
110 ±20
3 or less
–90±20
1000
12
8.192
FAR-F1DA-8M1920-G201
100 ±20
3 or less
–90±20
980
13
8.448
FAR-F1DA-8M4480-G201
110 ±20
3 or less
–90±20
980
14
12.624
FAR-F1DA-12M624-G201
100 ±20
3 or less
–90±20
590
15
16.384
FAR-F1DA-16M384-G201
100 ±20
3 or less
–90±20
410
16
16.896
FAR-F1DA-16M896-G201
100 ±20
3 or less
–90±20
390
17
32.064
FAR-F2DA-32M064-G201
100 ±10
3 or less
–90±15
100
18
34.368
FAR-F2DA-34M368-G201
100 ±10
3 or less
–90±15
100
19
44.736
FAR-F3DA-44M736-G201
65 ±15
6 or less
38±10
105
50
Z
OSC
Z
LM
50


Similar Part No. - FAR-F1DA-8M4480-G204

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4DA FUJITSU-FAR-F4DA Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-115M52-G201 FUJITSU-FAR-F4DA-115M52-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-51M840-G201 FUJITSU-FAR-F4DA-51M840-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4DA-97M728-G201 FUJITSU-FAR-F4DA-97M728-G201 Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
FAR-F4SE-36M000-A005 FUJITSU-FAR-F4SE-36M000-A005 Datasheet
94Kb / 4P
   IF Filter for Terrestrial-TV
More results

Similar Description - FAR-F1DA-8M4480-G204

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F4DA FUJITSU-FAR-F4DA Datasheet
58Kb / 6P
   TIMING EXTRACTION FILTER (50 to 300MHz)
logo
SIPAT Co,Ltd
LBN10011 SIPAT-LBN10011 Datasheet
138Kb / 3P
   100MHz SAW Filter 14MHz Bandwidth
LBT10014 SIPAT-LBT10014 Datasheet
141Kb / 3P
   100MHz SAW Filter 5MHz Bandwidth
LBN10009 SIPAT-LBN10009 Datasheet
144Kb / 3P
   100MHz SAW Filter 10MHz Bandwidth
LBN10010 SIPAT-LBN10010 Datasheet
145Kb / 3P
   100MHz SAW Filter 15MHz Bandwidth
LBT10015 SIPAT-LBT10015 Datasheet
146Kb / 3P
   100MHz SAW Filter 5.1MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
148Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
LBN10012 SIPAT-LBN10012 Datasheet
144Kb / 3P
   100MHz SAW Filter 30MHz Bandwidth
LBT10014 SIPAT-LBT10014 Datasheet
141Kb / 3P
   100MHz SAW Filter 5MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
143Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com