Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTS2P03R2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTTS2P03R2G
Description  Power MOSFET ??.48 Amps, ??0 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTS2P03R2G Datasheet(HTML) 3 Page - ON Semiconductor

  NTTS2P03R2G Datasheet HTML 1Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 2Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 3Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 4Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 5Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTTS2P03R2
http://onsemi.com
3
TJ = −55°C
TJ = 25°C
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus
Gate−to−Source Voltage
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
versus Voltage
TJ = 100°C
TJ = 25°C
VGS = −10 V
VGS = −4.5 V
ID = −2.48 A
VGS = −10 V
VGS = 0 V
TJ = 150°C
TJ = 100°C
VDS ≥ −10 V
150
−50
1.6
1.4
−25
0
25
75
1.2
1
0.8
0.6
30
5
10,000
100
10
15
20
25
10
1
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
125
100
50
TJ, JUNCTION TEMPERATURE (°C)
0.5
0.15
0.1
1.5
2.5
3.5
0.05
0
5.5
0
0.3
0.15
46
0.1
0.05
0
10
1
5
4
23
3
2
0
5
1
4
−ID, DRAIN CURRENT (AMPS)
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
−VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
VGS = −2.3 V
−2.5 V
TJ = 25°C
0
3
2
1
0
0.25
−VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.5
0.75
1
1.25
1.5
1.75
−2.9 V
−3.1 V
−10 V
−2.7 V
−3.3 V
−3.5 V
−3.7 V
−3.9 V
−4.1 V
−4.5 V
−4.9 V
−6 V
8
2
0.2
0.25
ID = −2.48 A
TJ = 25°C
4.5
1000


Similar Part No. - NTTS2P03R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTS2P03R2 ONSEMI-NTTS2P03R2 Datasheet
82Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts P?묬hannel Enhancement Mode Single Micro8 Package
December, 2003 ??Rev. 1
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
More results

Similar Description - NTTS2P03R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS10P02R2 ONSEMI-NTMS10P02R2_06 Datasheet
180Kb / 6P
   Power MOSFET ??0 Amps, ??0 Volts P?묬hannel Enhancement?묺ode
March, 2006 ??Rev. 3
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
   Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTP35N15 ONSEMI-NTP35N15 Datasheet
73Kb / 8P
   Power MOSFET 37 Amps, 150 Volts
December, 2003 ??Rev. 2
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com