Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTS2P03R2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTTS2P03R2G
Description  Power MOSFET ??.48 Amps, ??0 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTS2P03R2G Datasheet(HTML) 4 Page - ON Semiconductor

  NTTS2P03R2G Datasheet HTML 1Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 2Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 3Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 4Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 5Page - ON Semiconductor NTTS2P03R2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTTS2P03R2
http://onsemi.com
4
tr
GATE−TO−SOURCE OR DRAIN−TO−SOURCE
VOLTAGE (VOLTS)
td (off)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
Figure 9. Resistive Switching Time Variation
versus Gate Resistance
Figure 10. Diode Forward Voltage
versus Current
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Diode Reverse Recovery Waveform
VDS = 0 V
VGS = 0 V
TJ = 25°C
Ciss
Crss
Coss
Ciss
Crss
VDD = −24 V
ID = −2.48 A
VGS = −10 V
tf
td (on)
VGS = 0 V
TJ = 25°C
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
1
0
0.9
0.8
0.7
0.6
0.5
0.4
0.5
1
1.5
2.5
3
−VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
1
100
10
1
10
100
RG, GATE RESISTANCE (OHMS)
30
−10
1200
1000
−5
0
5
10
15
800
600
200
0
−VDS
−VGS
QT
Q2
Q1
VGS
ID = −2.48 A
TJ = 25°C
VDS
0
8
0
3
6
1
4
24
6
10
16
Qg, TOTAL GATE CHARGE (nC)
30
25
20
15
10
5
0
12
2
0.1
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
0.01
1
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS = 30 V
SINGLE PULSE
TC = 25°C
10
dc
1
100
100
10
10 ms
1 ms
0.1
20
25
400
14
5
2


Similar Part No. - NTTS2P03R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTS2P03R2 ONSEMI-NTTS2P03R2 Datasheet
82Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts P?묬hannel Enhancement Mode Single Micro8 Package
December, 2003 ??Rev. 1
NTTS2P03R2 ONSEMI-NTTS2P03R2_05 Datasheet
75Kb / 6P
   Power MOSFET -2.48 Amps, -30 Volts
June, 2005 ??Rev. 2
More results

Similar Description - NTTS2P03R2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS10P02R2 ONSEMI-NTMS10P02R2_06 Datasheet
180Kb / 6P
   Power MOSFET ??0 Amps, ??0 Volts P?묬hannel Enhancement?묺ode
March, 2006 ??Rev. 3
NTD40N03R ONSEMI-NTD40N03R Datasheet
65Kb / 8P
   Power MOSFET 45 Amps, 25 Volts
April, 2004 ??Rev. 5
MMDF3N04HD ONSEMI-MMDF3N04HD Datasheet
121Kb / 12P
   Power MOSFET 3 Amps, 40 Volts
October, 2003 ??Rev. 3
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTB75N03-6G ONSEMI-NTB75N03-6G Datasheet
80Kb / 7P
   Power MOSFET 75 Amps, 30 Volts
August, 2005 ??Rev. 6
NTD18N06-001 ONSEMI-NTD18N06-001 Datasheet
168Kb / 9P
   Power MOSFET 18 Amps, 60 Volts
March, 2006 ??Rev. 2
NTD32N06L-001 ONSEMI-NTD32N06L-001 Datasheet
103Kb / 7P
   Power MOSFET 32 Amps, 60 Volts
June, 2007 - Rev. 5
NTB75N03L09T4G ONSEMI-NTB75N03L09T4G Datasheet
119Kb / 8P
   Power MOSFET 75 Amps, 30 Volts
August, 2013 ??Rev. 13
NTP35N15 ONSEMI-NTP35N15 Datasheet
73Kb / 8P
   Power MOSFET 37 Amps, 150 Volts
December, 2003 ??Rev. 2
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
   Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com