Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPIS36D Datasheet(PDF) 10 Page - NIC-Components Corp.

Part # NPIS36D
Description  NPIS Shielded Power Inductors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIS36D Datasheet(HTML) 10 Page - NIC-Components Corp.

Back Button NPIS36D Datasheet HTML 6Page - NIC-Components Corp. NPIS36D Datasheet HTML 7Page - NIC-Components Corp. NPIS36D Datasheet HTML 8Page - NIC-Components Corp. NPIS36D Datasheet HTML 9Page - NIC-Components Corp. NPIS36D Datasheet HTML 10Page - NIC-Components Corp. NPIS36D Datasheet HTML 11Page - NIC-Components Corp. NPIS36D Datasheet HTML 12Page - NIC-Components Corp. NPIS36D Datasheet HTML 13Page - NIC-Components Corp. NPIS36D Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
NPIS__D Series
NPIS Shielded Power Inductors
Part Number
Standard Values - Case Size 63 (7.0 x 7.0 x 3.0mm)
Inductance Value (
μH)
Test Conditions (L)
DC Resistance (
Ω)
DC Current Isat/Irms (Amps)
NPIS63D3R3YTRF
3.3 ± 30%*
100KHz, 0.3V
0.026
2.8
NPIS63D4R7YTRF
4.7 ± 30%*
100KHz, 0.3V
0.031
2.4
NPIS63D100MTRF
10 ± 20%
1KHz, 0.3V
0.065
1.7
NPIS63D150MTRF
15 ± 20%
1KHz, 0.3V
0.084
1.4
NPIS63D180MTRF
18 ± 20%
1KHz, 0.3V
0.095
1.32
NPIS63D220MTRF
22 ± 20%
1KHz, 0.3V
0.128
1.2
NPIS63D330MTRF
33 ± 20%
1KHz, 0.3V
0.165
0.97
NPIS63D470MTRF
47 ± 20%
1KHz, 0.3V
0.238
0.8
NPIS63D560MTRF
56 ± 20%
1KHz, 0.3V
0.277
0.73
NPIS63D680MTRF
68 ± 20%
1KHz, 0.3V
0.304
0.65
NPIS63D820MTRF
82 ± 20%
1KHz, 0.3V
0.39
0.6
NPIS63D101MTRF
100 ± 20%
1KHz, 0.3V
0.535
0.54
NPIS63D121MTRF
120 ± 20%
1KHz, 0.3V
0.75
0.51
NPIS63D151MTRF
150 ± 20%
1KHz, 0.3V
0.95
0.47
NPIS63D181MTRF
180 ± 20%
1KHz, 0.3V
1.2
0.41
NPIS63D221MTRF
220 ± 20%
1KHz, 0.3V
1.5
0.37
NPIS63D271MTRF
270 ± 20%
1KHz, 0.3V
1.7
0.33
NPIS63D331MTRF
330 ± 20%
1KHz, 0.3V
2.15
0.28
NPIS63D471MTRF
470 ± 20%
1KHz, 0.3V
3.15
0.21
NPIS63D681MTRF
680 ± 20%
1KHz, 0.3V
5.15
0.2
Irms/Isat specification is based on +40°C temperature rise or -35% inductance change whichever is less.
*Also available in ± 20% tolerance (M)


Similar Part No. - NPIS36D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS36D100MTRF NIC-NPIS36D100MTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
NPIS36D6R8YTRF NIC-NPIS36D6R8YTRF Datasheet
139Kb / 14P
   NPIS Shielded Power Inductors
More results

Similar Description - NPIS36D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPIS-A NIC-NPIS-A Datasheet
91Kb / 4P
   NPIS Shielded Power Inductors
NPIS_D NIC-NPIS_D Datasheet
133Kb / 14P
   NPIS Shielded Power Inductors
NPIS_F NIC-NPIS_F Datasheet
44Kb / 4P
   NPIS Shielded Power Inductors
NPIS_P NIC-NPIS_P Datasheet
73Kb / 4P
   NPIS Shielded Power Inductors
NPIS_R NIC-NPIS_R Datasheet
101Kb / 4P
   NPIS Shielded Power Inductors
NPIS_L NIC-NPIS_L Datasheet
116Kb / 6P
   NPIS Shielded Power Inductors
NPIS_LP NIC-NPIS_LP Datasheet
230Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LA NIC-NPIS_LA Datasheet
359Kb / 7P
   NPIS Shielded Power Inductors
NPIS_LS NIC-NPIS_LS Datasheet
2Mb / 17P
   NPIS Shielded Power Inductors
NPIS-E NIC-NPIS-E Datasheet
122Kb / 15P
   NPIS Shielded Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com