Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65110A2490 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # Q65110A2490
Description  NPN-Silizium-Fototransistor im SMT SIDELED짰-Gehause Silicon NPN Phototransistor in SMT SIDELED짰-Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65110A2490 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button Q65110A2490 Datasheet HTML 2Page - OSRAM GmbH Q65110A2490 Datasheet HTML 3Page - OSRAM GmbH Q65110A2490 Datasheet HTML 4Page - OSRAM GmbH Q65110A2490 Datasheet HTML 5Page - OSRAM GmbH Q65110A2490 Datasheet HTML 6Page - OSRAM GmbH Q65110A2490 Datasheet HTML 7Page - OSRAM GmbH Q65110A2490 Datasheet HTML 8Page - OSRAM GmbH Q65110A2490 Datasheet HTML 9Page - OSRAM GmbH Q65110A2490 Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SFH 325, SFH 325 FA
2013-01-16
9
Wellenlöten (TTW)
(nach CECC 00802)
TTW Soldering
(acc. to CECC 00802)
OHLY0598
0
0
50
100
150
200
250
50
100
150
200
250
300
T
t
C
s
235 C
10 s
C
... 260
1. Welle
1. wave
2. Welle
2. wave
5 K/s
2 K/s
ca 200 K/s
CC
... 130
100
2 K/s
Zwangskühlung
forced cooling
Normalkurve
standard curve
Grenzkurven
limit curves


Similar Part No. - Q65110A2490

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A2427 OSRAM-Q65110A2427 Datasheet
498Kb / 20P
   Coupling into Light Guides
logo
ams AG
Q65110A2446 AMSCO-Q65110A2446 Datasheet
1Mb / 24P
   Two chip LEDs for indicators that allow to display red, green and yellow by color mixing
Version 1.2 2022-05-10
Q65110A2447 AMSCO-Q65110A2447 Datasheet
428Kb / 15P
   Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
2012-11-14
Q65110A2448 AMSCO-Q65110A2448 Datasheet
428Kb / 15P
   Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
2012-11-14
Q65110A2449 AMSCO-Q65110A2449 Datasheet
428Kb / 15P
   Enhanced Optical Power LED Lead (Pb) Free Product - RoHS Compliant
2012-11-14
More results

Similar Description - Q65110A2490

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH320 SIEMENS-SFH320 Datasheet
188Kb / 5P
   NPN-Silizium-Fototransistor im SMT TOPLEDa-Gehause Silicon NPN Phototransistor in SMT TOPLEDa-Package
SFH325 SIEMENS-SFH325 Datasheet
278Kb / 5P
   NPN-Silizium-Fototransistor im SMT SIDELEDa-Gehause Silicon NPN Phototransistor in SMT SIDELEDa-Package
logo
OSRAM GmbH
SFH325 OSRAM-SFH325_01 Datasheet
86Kb / 7P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
SFH3201 OSRAM-SFH3201 Datasheet
70Kb / 7P
   NPN-Silizium-Fototransistor im SMT-Gehase
SFH320 OSRAM-SFH320_01 Datasheet
149Kb / 7P
   NPN-Silizium-Fototransistor im SMT TOPLED
logo
Siemens Semiconductor G...
SFH309 SIEMENS-SFH309 Datasheet
281Kb / 6P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
SFH309P SIEMENS-SFH309P Datasheet
274Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
logo
OSRAM GmbH
SFH3211 OSRAM-SFH3211 Datasheet
76Kb / 7P
   NPN-Silizium-Fototransistor in SMT TOPLED
logo
Siemens Semiconductor G...
SFH302 SIEMENS-SFH302 Datasheet
207Kb / 5P
   NPN-Silizium-Fototransistor Silicon NPN Phototransistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com