Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T322A6851002AS Datasheet(PDF) 10 Page - Kemet Corporation

Part # T322A6851002AS
Description  TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T322A6851002AS Datasheet(HTML) 10 Page - Kemet Corporation

Back Button T322A6851002AS Datasheet HTML 6Page - Kemet Corporation T322A6851002AS Datasheet HTML 7Page - Kemet Corporation T322A6851002AS Datasheet HTML 8Page - Kemet Corporation T322A6851002AS Datasheet HTML 9Page - Kemet Corporation T322A6851002AS Datasheet HTML 10Page - Kemet Corporation T322A6851002AS Datasheet HTML 11Page - Kemet Corporation T322A6851002AS Datasheet HTML 12Page - Kemet Corporation T322A6851002AS Datasheet HTML 13Page - Kemet Corporation T322A6851002AS Datasheet HTML 14Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MAX.
DISSIPATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
33.0
C
T330C336(1)010AS
2
6
39.0
C
T330C396(1)010AS
5
6
47.0
D
T330D476(1)010AS
5
6
56.0
D
T330D566(1)010AS
5
6
68.0
D
T330D686(1)010AS
5
6
82.0
D
T330D826(1)010AS
5
6
100.0
D
T330D107(1)010AS
10
6
120.0
D
T330D127(1)010AS
10
6
150.0
D
T330D157(1)010AS
10
6
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
3.9
B
T330B395(1)015AS
1
6
4.7
B
T330B475(1)015AS
1
6
5.6
B
T330B565(1)015AS
1
6
6.8
B
T330B685(1)015AS
1
6
8.2
B
T330B825(1)015AS
1
6
10.0
C
T330C106(1)015AS
1
6
12.0
C
T330C126(1)015AS
1
6
15.0
C
T330C156(1)015AS
2
6
18.0
C
T330C186(1)015AS
5
6
22.0
C
T330C226(1)015AS
5
6
27.0
C
T330C276(1)015AS
5
6
33.0
C
T330C336(1)015AS
5
6
39.0
D
T330D396(1)015AS
10
6
47.0
D
T330D476(1)015AS
10
6
56.0
D
T330D566(1)015AS
10
6
68.0
D
T330D686(1)015AS
10
6
82.0
D
T330D826(1)015AS
10
6
MAX.
DISSIPATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C
10.0
B
T330B106(1)006AS
1
6
12.0
B
T330B126(1)006AS
1
6
15.0
B
T330B156(1)006AS
1
6
18.0
B
T330B186(1)006AS
1
6
22.0
B
T330B226(1)006AS
1
6
27.0
C
T330C276(1)006AS
1
6
33.0
C
T330C336(1)006AS
1
6
39.0
C
T330C396(1)006AS
1
6
47.0
C
T330C476(1)006AS
2
6
56.0
C
T330C566(1)006AS
5
6
68.0
C
T330C686(1)006AS
5
6
82.0
D
T330D826(1)006AS
5
6
100.0
D
T330D107(1)006AS
5
6
120.0
D
T330D127(1)006AS
5
6
150.0
D
T330D157(1)006AS
5
6
180.0
D
T330D187(1)006AS
10
6
220.0
D
T330D227(1)006AS
10
8
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
5.6
B
T330B565(1)010AS
1
6
6.8
B
T330B685(1)010AS
1
6
8.2
B
T330B825(1)010AS
1
6
10.0
B
T330B106(1)010AS
1
6
12.0
B
T330B126(1)010AS
1
6
15.0
B
T330B156(1)010AS
1
6
18.0
C
T330C186(1)010AS
1
6
22.0
C
T330C226(1)010AS
2
6
27.0
C
T330C276(1)010AS
2
6
MAX.
DISSIPATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
0.39
A
T330A394(1)035AS
1
3
0.47
A
T330A474(1)035AS
1
3
0.56
A
T330A564(1)035AS
1
3
0.68
A
T330A684(1)035AS
1
3
0.82
A
T330A824(1)035AS
1
3
1.0
A
T330A105(1)035AS
1
3
1.2
A
T330A125(1)035AS
1
4
1.5
A
T330A155(1)035AS
1
4
1.8
A
T330A185(1)035AS
1
4
2.2
A
T330A225(1)035AS
1
4
2.7
A
T330A275(1)035AS
1
4
50 VOLT RATING AT 85°C — 33 VOLT RATING AT 125°C
0.10
A
T330A104(1)050AS
1
3
0.12
A
T330A124(1)050AS
1
3
0.15
A
T330A154(1)050AS
1
3
0.18
A
T330A184(1)050AS
1
3
0.22
A
T330A224(1)050AS
1
3
0.27
A
T330A274(1)050AS
1
3
0.33
A
T330A334(1)050AS
1
3
0.39
A
T330A394(1)050AS
1
3
0.47
A
T330A474(1)050AS
1
3
0.56
A
T330A564(1)050AS
1
3
0.68
A
T330A684(1)050AS
1
3
0.82
A
T330A824(1)050AS
1
4
1.0
A
T330A105(1)050AS
1
4
1.2
A
T330A125(1)050AS
1
4
1.5
A
T330A155(1)050AS
1
4
MAX.
DISSIPATION
CAPAC-
D.C.
FACTOR
ITANCE
CASE
LEAKAGE
%@25°C,
µF
SIZE
KEMET PART NUMBER
µA@25°C
120Hz
6 VOLT RATING AT 85°C — 4 VOLT RATING AT 125°C
18.0
A
T330A186(1)006AS
1
6
22.0
A
T330A226(1)006AS
1
6
10 VOLT RATING AT 85°C — 7 VOLT RATING AT 125°C
10.0
A
T330A106(1)010AS
1
6
12.0
A
T330A126(1)010AS
1
6
15.0
A
T330A156(1)010AS
1
6
15 VOLT RATING AT 85°C — 10 VOLT RATING AT 125°C
8.2
A
T330A825(1)015AS
1
6
20 VOLT RATING AT 85°C — 13 VOLT RATING AT 125°C
5.6
A
T330A565(1)020AS
1
6
6.8
A
T330A685(1)020AS
1
6
25 VOLT RATING AT 85°C — 17 VOLT RATING AT 125°C
3.3
A
T330A335(1)025AS
1
4
3.9
A
T330A395(1)025AS
1
4
4.7
A
T330A475(1)025AS
1
35 VOLT RATING AT 85°C — 23 VOLT RATING AT 125°C
0.10
A
T330A104(1)035AS
1
3
0.12
A
T330A124(1)035AS
1
3
0.15
A
T330A154(1)035AS
1
3
0.18
A
T330A184(1)035AS
1
3
0.22
A
T330A224(1)035AS
1
3
0.27
A
T330A274(1)035AS
1
3
0.33
A
T330A334(1)035AS
1
3
TANTALUM MOLDED / RADIAL
T330 SERIES - PRECISION MOLDED - RADIAL LEAD
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606 (864) 963-6300
51
RATINGS & PART NUMBER REFERENCE
A CASE
B, C & D CASES
(1) To complete Part Number insert Capacitance Tolerance Symbol in the 9th character, M — ±20%, K — ±10%, J — ±5%.
Bold face lines indicate popular part types and values.
Higher voltage and better capacitance tolerance product may be substituted for an order within the same case size at KEMET’S option.


Similar Part No. - T322A6851002AS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
T322A ETC1-T322A Datasheet
70Kb / 1P
   STANDARD SPECIFICATIONS
logo
Kemet Corporation
T322A104K050AT KEMET-T322A104K050AT Datasheet
67Kb / 1P
   Tantalum, MnO2 Tantalum, Commercial Grade, T322, 0.1 uF, 10%, 50 V, 26 Ohms
T322A105K025AT KEMET-T322A105K025AT Datasheet
66Kb / 1P
   Capacitor, Tantalum, 1 uF, /-10% Tol, 25 V
T322A474J002AS KEMET-T322A474J002AS Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
T322A474J002AT KEMET-T322A474J002AT Datasheet
576Kb / 15P
   T322 and T323 Series MIL?밣RF??9137/1 and 5 (CX01 and CX05 Style)
More results

Similar Description - T322A6851002AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T322B225K020AS KEMET-T322B225K020AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL ??MIL-PRF-49137/1&5
T322E156K035AS KEMET-T322E156K035AS Datasheet
197Kb / 19P
   TANTALUM MOLDED / AXIAL . MIL-PRF-49137/1&5
T110A474K035AT KEMET-T110A474K035AT Datasheet
568Kb / 38P
   TANTALUM HERMETICALLY SEALED / AXIAL ??MIL-PRF-39003
C052G102J1G5CR KEMET-C052G102J1G5CR Datasheet
1Mb / 23P
   CERAMIC MOLDED/AXIAL & RADIAL - MIL-PRF-20
T419 KEMET-T419 Datasheet
1Mb / 18P
   Tantalum Surface Mount Capacitors ??MIL-PRF
logo
AVX Corporation
M39006 AVX-M39006 Datasheet
161Kb / 10P
   MIL-PRF-39006 Series Military Conventional Wet Tantalum
logo
Vishay Siliconix
CWR11DH106KB VISHAY-CWR11DH106KB Datasheet
547Kb / 7P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 26-Jun-13
MS75087 VISHAY-MS75087 Datasheet
133Kb / 3P
   Military, MIL/PRF/15305 Qualified, Type LT Molded, Shielded
Revision: 20-Feb-06
MS75083 VISHAY-MS75083 Datasheet
179Kb / 5P
   Inductors Military, MIL-PRF-15305 Qualified, Type LT, Molded
Revision: 16-Mar-06
CWR11 VISHAY-CWR11_17 Datasheet
557Kb / 17P
   Solid Tantalum Surface Mount Chip Capacitors TANTAMOUNT™ Molded Case, Military MIL-PRF-55365/8 Qualified
Revision: 22-Jun-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com