Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMB4518TWP Datasheet(PDF) 10 Page - Ericsson

Part # PMB4518TWP
Description  DC/DC regulator Input 3.0 - 5.5 V Output 16 A
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMB4518TWP Datasheet(HTML) 10 Page - Ericsson

Back Button PMB4518TWP Datasheet HTML 6Page - Ericsson PMB4518TWP Datasheet HTML 7Page - Ericsson PMB4518TWP Datasheet HTML 8Page - Ericsson PMB4518TWP Datasheet HTML 9Page - Ericsson PMB4518TWP Datasheet HTML 10Page - Ericsson PMB4518TWP Datasheet HTML 11Page - Ericsson PMB4518TWP Datasheet HTML 12Page - Ericsson PMB4518TWP Datasheet HTML 13Page - Ericsson PMB4518TWP Datasheet HTML 14Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
EN/LZT146049R4A© EricssonPowerModules,March2007
PMB4518TWPDatasheet
Output Current Derating at  V input
Output Characteristic
Start-Up
Outputvoltagevs.loadcurrent.
Availableloadcurrentvs.ambientairtemperatureand
airflowatVin=5V.Seeconditionsonpage27.
Start-upatIO=16AresistiveloadatTref=+25°C,
Vin=3.3V.StartenabledbyconnectingVin.
Toptrace:outputvoltage(0.5V/div.).
Bottomtrace:inputvoltage(2V/div.).
Timescale:2ms/div.
Efficiency
Power Dissipation
Adjusted to 1. V - Typical Characteristics
Efficiencyvs.loadcurrentandinputvoltageatTre=+25°C
Dissipatedpowervs.loadcurrentandinputvoltageat
Tref=+25°C
Generalconditions:Inputfilter2x22µF,Outputfilter1x150µF
Output Current Derating at . V input
Availableloadcurrentvs.ambientairtemperatureand
airflowatVin=3.3V.Seeconditionsonpage27.


Similar Part No. - PMB4518TWP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PMB ETC-PMB Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
PMB ETC-PMB Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
logo
Illinois Capacitor, Inc...
PMB ILLINOISCAPACITOR-PMB Datasheet
661Kb / 5P
   Power semiconductor module protection - High pulse and
logo
List of Unclassifed Man...
PMB-11 ETC-PMB-11 Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
PMB-11 ETC-PMB-11 Datasheet
208Kb / 1P
   PM / EM Power-Off Brake
More results

Similar Description - PMB4518TWP

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
PMB8818TP ERICSSON-PMB8818TP Datasheet
1Mb / 32P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMC8818TS ERICSSON-PMC8818TS Datasheet
1Mb / 34P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMN8118UWP ERICSSON-PMN8118UWP Datasheet
1Mb / 38P
   DC/DC regulator, Input 5.5-14 V, Output 30 A/108 W
logo
Bel Fuse Inc.
XRAH-12FXX0 BEL-XRAH-12FXX0 Datasheet
242Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 1.0 V-3.3 V/12 A Output
XRPB-06F1AX BEL-XRPB-06F1AX Datasheet
181Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.75 V-3.63 V/6 A Output
X7AH-03F1A0 BEL-X7AH-03F1A0 Datasheet
137Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 0.9 V-3.3 V/3 A Output
X7AH-01FXX0 BEL-X7AH-01FXX0 Datasheet
142Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS 3.0 V-5.5 V Input 12 V/0.8 A & 15 V/0.6 A Output
VRBC-16A2AX BEL-VRBC-16A2AX Datasheet
301Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
VRBC-16F2AX BEL-VRBC-16F2AX Datasheet
173Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 2.4 V-5.5 V Input 0.75 V-3.63 V/16 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com