Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-M2SC-13M500-D114 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-M2SC-13M500-D114
Description  Piezo Electric VCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-M2SC-13M500-D114 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-M2SC-13M500-D114 Datasheet HTML 1Page - Fujitsu Component Limited. FAR-M2SC-13M500-D114 Datasheet HTML 2Page - Fujitsu Component Limited. FAR-M2SC-13M500-D114 Datasheet HTML 3Page - Fujitsu Component Limited. FAR-M2SC-13M500-D114 Datasheet HTML 4Page - Fujitsu Component Limited. FAR-M2SC-13M500-D114 Datasheet HTML 5Page - Fujitsu Component Limited. FAR-M2SC-13M500-D114 Datasheet HTML 6Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
M2 Series (D110)
s STANDARD CHARACTERISTICS
Part number : FAR-M2SC-14M318-D110
1. Control voltage and oscillation frequency
2. Temperature characteristics
(25
°C standard)
3. Power supply voltage characteristics
(VCC = 5.0 V standard)
(14.318 MHz)
Oscillation
frequency
change (ppm)
5,000
4,000
3,000
2,000
1,000
0
–1,000
–2,000
–3,000
–4,000
–5,000
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Control voltage (V)
Oscillation
frequency
change (ppm)
800
700
600
500
400
300
200
100
0
–100
–200
–300
–400
–500
Temperature (
°C )
–40
–30
–20
–10
0
102030405060
708090
VIN = 2.5 V
(14.318 MHz)
Oscillation
frequency
change (ppm)
2,000
1,500
1,000
500
0
–500
–1,000
–1,500
–2,000
Power supply voltage (V)
4.50
4.75
5.00
5.25
5.50
VIN = 2.5 V
(14.318 MHz)


Similar Part No. - FAR-M2SC-13M500-D114

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-M2CC FUJITSU-FAR-M2CC Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150 FUJITSU-FAR-M2CC-14M318-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-14M318-F150-R FUJITSU-FAR-M2CC-14M318-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150 FUJITSU-FAR-M2CC-16M934-F150 Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
FAR-M2CC-16M934-F150-R FUJITSU-FAR-M2CC-16M934-F150-R Datasheet
77Kb / 9P
   Piezoelectric VCO (6 to 30 MHz)
More results

Similar Description - FAR-M2SC-13M500-D114

ManufacturerPart #DatasheetDescription
logo
CUI INC
CEB-20FD64 CUI-CEB-20FD64 Datasheet
326Kb / 4P
   piezo electric diaphragm
CEB-20D64 CUI-CEB-20D64 Datasheet
255Kb / 4P
   piezo electric diaphragm
CEB-44D06 CUI-CEB-44D06 Datasheet
283Kb / 4P
   piezo electric diaphragm
CEB-27D44 CUI-CEB-27D44 Datasheet
249Kb / 4P
   piezo electric diaphragm
CEB-27FD44 CUI-CEB-27FD44 Datasheet
83Kb / 4P
   piezo electric diaphragm
CEB-35D26 CUI-CEB-35D26 Datasheet
256Kb / 4P
   piezo electric diaphragm
CEB-35FD29 CUI-CEB-35FD29 Datasheet
98Kb / 4P
   piezo electric diaphragm
logo
Analog Devices
AD5801 AD-AD5801 Datasheet
196Kb / 13P
   Piezo-Electric Actuator Controller
logo
Rohm
BD9825FV ROHM-BD9825FV Datasheet
200Kb / 6P
   Piezo Electric Transformer Inverter Control IC
logo
PUI audio inc.
AT-2440-TWT-R PUIAUDIO-AT-2440-TWT-R Datasheet
545Kb / 3P
   24mm diameter piezo-electric transducer with thru-hole pins
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com