Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMC8118LAS Datasheet(PDF) 7 Page - Ericsson

Part # PMC8118LAS
Description  DC/DC regulator Input 8.3 - 16 V Output 16 A
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PMC8118LAS Datasheet(HTML) 7 Page - Ericsson

Back Button PMC8118LAS Datasheet HTML 3Page - Ericsson PMC8118LAS Datasheet HTML 4Page - Ericsson PMC8118LAS Datasheet HTML 5Page - Ericsson PMC8118LAS Datasheet HTML 6Page - Ericsson PMC8118LAS Datasheet HTML 7Page - Ericsson PMC8118LAS Datasheet HTML 8Page - Ericsson PMC8118LAS Datasheet HTML 9Page - Ericsson PMC8118LAS Datasheet HTML 10Page - Ericsson PMC8118LAS Datasheet HTML 11Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image

EN/LZT146064R2A© EricssonPowerModules,March2007
PMC8818TSDatasheet
Tref=-30...+90°C,VI=8.3...16Vunlessotherwisespecified.Inputfilter4x4.7µF,Outputfilter2x150µF
Typvaluesspecifiedat:Tref=+25°CandVInom.IOmax=16A.Note:+Senseconnectedto+Out.Radj41.42kΩ
Adjusted to 1.0 Vout - Data
Characteristics
Conditions
Output
Unit
min
typ
max
dVOi
Outputvoltageadjustedsetting Tref=+25°C,VInom,IOmax
-2
+2
%VO
dVO
Outputvoltagetoleranceband
IO=0.01...1.0xIOmax
-3
+3
%VO
dVO
Idlingvoltage
IO=0A
-2
+2
%VO
dVO
Lineregulation
VImin...VImax,IOmax
2
mV
dVO
Loadregulation
IO=0.01...1.0xIOmax
25
mV
ttr
Loadtransient
recoverytime
Loadstep=0.25-0.75-0.25xIOmax,
dI/dt=5A/µs,CO=2x150µF,
VI=12V
40
µs
Vtr
Loadtransientvoltage
±100
mV
Tcoeff
Temperaturecoefficient
Tref=-30...+90°C,IOmax
-0.6
mV/°C
ts
Start-upVIonto0.9xVO
IO=IOmax,VInom
7
ms
tr
Ramp-up,VI...0.9xVO
IO=IOmax,VInom
3
ms
tf
Falltime,VIto0.1xVO
IO=IOmax,VInom
1
ms
tf
Falltime,VIto0.1xVO
IO=0A,VInom
22
s
tRC
RCshut-downtime0.1xVO
IO=IOmax,VInom
1
ms
tRC
RCstart-uptime0.9xVO
IO=IOmax,VInom
7
ms
tRC
RCfalltime,0.1xVO
IO=0A,VInom
24
s
IO
Outputcurrent
0
16
A
POmax
Maxoutputpower
16
W
Ilim
Currentlimitingthreshold
Tref<Trefmax
19
A
VOac
Outputripple
20Hz...5MHz,IOmax
50
mVp-p
η
Efficiency-50%load
IO=0.5xIOmax,VO=1.00V
84.4
%
η
Efficiency-100%load
IO=IOmax,VO=1.00V
80.8
83.2
%
Pd
PowerDissipation
IO=IOmax,VO=1.00V
3.2
3.8
W
Fo
Switchingfrequency
IO=(0...1)xIOmax
260
300
340
kHz
Isense
Remotesensecurrent
10
mA
II
StaticinputcurrentVi=8.3V
IO=IOmax,VO=1.00V
2.4
A
MTBF
Predictedreliability
5
million
hours


Similar Part No. - PMC8118LAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMC85XP NXP-PMC85XP Datasheet
238Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
logo
Nexperia B.V. All right...
PMC85XP NEXPERIA-PMC85XP Datasheet
725Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
logo
NXP Semiconductors
PMC85XP PHILIPS-PMC85XP_15 Datasheet
238Kb / 15P
   30 V P-channel MOSFET with pre-biased NPN transistor
15 May 2013
More results

Similar Description - PMC8118LAS

ManufacturerPart #DatasheetDescription
logo
Ericsson
PMB8818TP ERICSSON-PMB8818TP Datasheet
1Mb / 32P
   DC/DC regulator Input 8.3 - 16 V Output 16 A
PMB4518TWP ERICSSON-PMB4518TWP Datasheet
1Mb / 29P
   DC/DC regulator Input 3.0 - 5.5 V Output 16 A
logo
Bel Fuse Inc.
SRBC-16A1AX BEL-SRBC-16A1AX Datasheet
196Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
SRBC-16A2AX BEL-SRBC-16A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/16 A Output
VRBC-16A2AX BEL-VRBC-16A2AX Datasheet
301Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.5 V/16 A Output
logo
List of Unclassifed Man...
PKU4913D ETC2-PKU4913D Datasheet
2Mb / 20P
   DC-DC CONVERTERS INPUT 36-75 V, OUTPUT UP TO 8.3 A / 100W
Rev.A Jan 2021
logo
Ericsson
PMC4318TWS ERICSSON-PMC4318TWS Datasheet
1Mb / 31P
   DC/DC regulator Input 3.0 - 5.5 V Output 10 A
logo
Bel Fuse Inc.
SRBC-10A2AX BEL-SRBC-10A2AX Datasheet
200Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/10 A Output
VRBA-06A2AX BEL-VRBA-06A2AX Datasheet
300Kb / 10P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V - 14 V Input 0.75 V - 5.5 V/6 A Output
SRBA-03A1AX BEL-SRBA-03A1AX Datasheet
155Kb / 6P
   NON-ISOLATED DC/DC CONVERTERS 8.3 V-14 V Input 0.75 V-5.0 V/3 A Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com