Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMFA160 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PMFA160
Description  fan filter assemblies - PMFA T Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PMFA160 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PMFA160 Datasheet HTML 1Page - List of Unclassifed Manufacturers PMFA160 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
air filters
Inner Plate
Filter Pad
Grill Cover
fan filter assemblies –
PMFA Series
Description
A family of filters for use with the main sizes
of axial fans, i.e. 60mm2, 80mm2, 92mm2,
119mm2 and 150/172mm diameter
.
All filter assemblies mount directly on
to the existing fixing locations. The 60mm2
assembly is compact and low profile by
design, with a similar version also available
in the 80mm2 model.
Construction
The assembly consists of three parts; an outer
grill cover, an inner fixing plate and a filter pad.
The grill cover is moulded in polycarbonate
with a matt finish. It incorporates quick release
fasteners to assist easy changing of the filter
pad. The inner fixing plate is constructed of
steel sheet, with a matt black epoxy powder
finish. A welded wire screen provides
protection when the filter pad is changed
with the fan still running.
The filter pad is made of white synthetic
bonded fibre to specification P15/150R.
Filter Performance
The filter pad will achieve a 75% dust particle
retention down to 5-10 microns in size and
can withstand temperatures of up to 100°C.
The pad is also flame resistant to BS2963.
A reduction in airflow of around 20-30% can
be expected with a clean filter assembly fitted.
Features
• Tough, durable construction
• Quick change filter pad
• Fit fans from 60mm2 to Ø172mm
• Utilise existing hole fixing positions on most
PAPST fans
• Filter pad can be changed without switching
off fan.
Ordering Information (filter assemblies)
Part No.
Fan size
A
B
C
D
PMFA60L
60mm2
65
65
13.5
50
PMFA80L
80mm2
85
85
14
71.5
PMFA80
80mm2
125
105
17.5
71.5
PMFA90
92mm2
125
105
17.5
82.5
PMFA120
119mm2
162
136
18.5
104.8
PMFA160
150/172Ø
226
190
19.5
162
Ordering Information (spare filter pads)
Pad Part No.
Assembly Part No.
Pack Qty
FP60L
PMFA60L
5
FP80L
PMFA80L
5
FP80
PMFA80
5
FP90
PMFA90
5
PMFA120
PMFA120
5
PMFA160
PMFA160
5
All measurements in mm.
Papst plc East Portway Andover Hampshire SP10 3RT
Tel +44 (0)1264 333388 Fax +44 (0)1264 332182 www.papstplc.com
Fit it. Forget it.
5246 PAPST cat REPRO
6/9/00
3:58 pm
Page 10


Similar Part No. - PMFA160

ManufacturerPart #DatasheetDescription
logo
StarHope
PMF SPSEMI-PMF Datasheet
397Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 190 Volts
logo
Delta Electronics, Inc.
PMF-24V200WCXX DELTA-PMF-24V200WCXX Datasheet
1Mb / 14P
   PMF Panel Mount Power Supply
PMF-24V240WCXX DELTA-PMF-24V240WCXX Datasheet
1Mb / 14P
   Built-in Active PFC and fan speed control
PMF-24V320WCXX DELTA-PMF-24V320WCXX Datasheet
1Mb / 15P
   PMF Panel Mount Power Supply
PMF-4V320WCXX DELTA-PMF-4V320WCXX Datasheet
1Mb / 13P
   PMF Panel Mount Power Supply
More results

Similar Description - PMFA160

ManufacturerPart #DatasheetDescription
logo
ORION FANS
GRM92-30 ORIONFANS-GRM92-30 Datasheet
317Kb / 1P
   Filter Assemblies
GRM40-30 ORIONFANS-GRM40-30 Datasheet
408Kb / 1P
   Filter Assemblies
logo
CoolCox Limited All rig...
CCFF6CM COOLCOX-CCFF6CM Datasheet
1Mb / 1P
   Fan Filter
CCFF8CM COOLCOX-CCFF8CM Datasheet
1Mb / 1P
   Fan Filter
CCFF12CM COOLCOX-CCFF12CM Datasheet
1Mb / 1P
   Fan Filter
logo
CUI Devices
CFFA-400 CUID-CFFA-400 Datasheet
337Kb / 2P
   FAN FILTER
08/05/2022
CFFA-600 CUID-CFFA-600 Datasheet
316Kb / 2P
   FAN FILTER
08/05/2022
CFFA-800 CUID-CFFA-800 Datasheet
347Kb / 2P
   FAN FILTER
08/05/2022
CFFA-920 CUID-CFFA-920 Datasheet
387Kb / 2P
   FAN FILTER
08/05/2022
logo
CoolCox Limited All rig...
CCFA12CM COOLCOX-CCFA12CM Datasheet
1,006Kb / 1P
   Fan Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com