Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZT2222A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # PZT2222A
Description  NPN General Purpose Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

PZT2222A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  PZT2222A Datasheet HTML 1Page - Fairchild Semiconductor PZT2222A Datasheet HTML 2Page - Fairchild Semiconductor PZT2222A Datasheet HTML 3Page - Fairchild Semiconductor PZT2222A Datasheet HTML 4Page - Fairchild Semiconductor PZT2222A Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
PN2222A / MMBT2222A / PZT2222A Rev. A3
1
August 2010
PN2222A / MMBT2222A / PZT2222A
NPN General Purpose Amplifier
Features
• This device is for use as a medium power amplifier and switch requiring collector currents up to 500mA.
• Sourced from process 19.
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* This ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
NOTES:
1) These rating are based on a maximum junction temperature of 150 degrees C.
2) These are steady limits. The factory should be consulted on applications involving pulsed or low duty cycle
operations.
Thermal Characteristics T
a = 25°C unless otherwise noted
* Device mounted on FR-4 PCB 1.6”
× 1.6” × 0.06”.
** Device mounted on FR-4 PCB 36mm
× 18mm × 1.5mm; mounting pad for the collector lead min. 6cm2.
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
40
V
VCBO
Collector-Base Voltage
75
V
VEBO
Emitter-Base Voltage
6.0
V
IC
Collector Current
1.0
A
TSTG
Operating and Storage Junction Temperature Range
- 55 ~ 150
°C
Symbol
Parameter
Max.
Units
PN2222A
*MMBT2222A
**PZT2222A
PD
Total Device Dissipation
Derate above 25
°C
625
5.0
350
2.8
1,000
8.0
mW
mW/
°C
RθJC
Thermal Resistance, Junction to Case
83.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
200
357
125
°C/W
PN2222A
MMBT2222A
PZT2222A
EB C
TO-92
SOT-23
SOT-223
Mark:1P
C
B
E
E
B
C
C


Similar Part No. - PZT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
GUANGDONG HOTTECH INDUS...
PZT2222A HOTTECH-PZT2222A Datasheet
379Kb / 2P
   Plastic-Encapsulate Transistors
logo
Siemens Semiconductor G...
PZT2222A SIEMENS-PZT2222A Datasheet
126Kb / 6P
   NPN Silicon Switching Transistors
logo
ON Semiconductor
PZT2222A ONSEMI-PZT2222A Datasheet
113Kb / 5P
   NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 9
logo
Fairchild Semiconductor
PZT2222A FAIRCHILD-PZT2222A Datasheet
113Kb / 6P
   NPN General Purpose Amplifier
More results

Similar Description - PZT2222A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com