Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS1270 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS1270
Description  Rechargeable Sealed Lead Acid Battery
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS1270 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS1270 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1270 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CORPORATE OFFICE • 7550 Panasonic Way • San Diego, CA 92154 • USA • Tel: +1-619-661-2020 • Fax: +1-619-661-3650
CUSTOMER SERVICE
Tel: +1-619-661-2030
Fax: +1-619-661-3648
customer-service@power-sonic.com
INTERNATIONAL SALES
Tel: +1-650-364-5001
Fax: +1-650-366-3662
international-sales@power-sonic.com
DOMESTIC SALES
Tel: +1-619-661-2020
Fax: +1-619-661-3650
national-sales@power-sonic.com
TECHNICAL SUPPORT
Tel: +1-619-661-2020
Fax: +1-619-661-3648
support@power-sonic.com
Contact Information
www.power-sonic.com
0211 1M
© 2011. Power-Sonic Corporation. All rights reserved. All trademarks are the property of their respective owners.
Charging
Cycle Applications: Limit initial current to 2.1A. Charge until battery voltage
(under charge) reaches 14.4 to 14.7 volts at 68°F (20°C). Hold at 14.4 to 14.7
volts until current drops to under 70mA. Battery is fully charged under these
conditions, and charger should be disconnected or switched to “float” voltage.
“Float” or “Stand-By” Service: Hold battery across constant voltage source of
13.5 to 13.8 volts continuously. When held at this voltage, the battery will seek its
own current level and maintain itself in a fully charged condition.
Note: Due to the self-discharge characteristics of this type of battery, it is
imperative that they be charged within 6 months of storage, otherwise permanent
loss of capacity might occur as a result of sulfation.
Chargers
Power-Sonic offers a wide range of chargers suitable for batteries up to 100AH.
Please refer to the Charger Selection Guide in our specification sheets for “C-Series
Switch Mode Chargers” and “Transformer Type A and F Series”. Please contact our
Technical department for advice if you have difficulty in locating suitable models.
Standing Period (Months)
100
80
60
40
0
0
2
4
6
8
10
12 14 16 18 20
40oC
(104oF)
30
oC
(86
oF)
20oC
(68oF)
5oC
(41oF)
Charging is not
necessary unless
100% of capacity
is required.
Charging before
use is necessary
to help recover
full capacity.
Chargemayfail
to restore full
capacity. Do not
let batteries reach
this state.
100
80
60
40
20
0
0
1
2
3
4
Ambient Temperature 20˚C (68˚F)
Float Charging Voltage
2.25 - 2.30 V/Cell
Years
120
100
80
60
40
20
0
0
200
400
600
800
1000
1200
Number of Cycles
1. Discharge Current 0.2C (Final Voltage 1.7V/Cell)
2. Charge Current: 0.1C
3. Ambient Temperature: 20oC to 25oC (68oF to 77oF)
Discharge
Depth 30%
Discharge
Depth 100%
Discharge
Depth 50%
Discharge Characteristics
Discharge Time vs. Discharge Current
Shelf Life & Storage
Life Characteristics in Stand-By Use
Life Characteristics in Cyclic Use
PS-1270 12 Volt 7.0 AH
®
Further Information
Please refer to our website www.power-sonic.com for a complete range of useful
downloads, such as product catalogs, material safety data sheets (MSDS), ISO
certification, etc..
13.0
12.0
11.0
10.0
9.0
8.0
14.0
Ambient Temperature 20
oC (68oF)
1.2 2.4
6
12
24 36 48 1
2
4 6 8 10 20 4 0
Discharge Time
Final
Voltage
min
h
0.35
0.70
1.4
3.5
7.0
14
0.35
0.70 1.4
3.5 7.0
14
Discharge Current (A)
20
15
10
5
2
1
30
10
5
40
oC (104oF)
20
oC (68oF)
0
oC (32oF)
10.2V
9.6V
9.0V
8.1V
Final
Voltage
10.5V


Similar Part No. - PS1270

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PS127 MPSIND-PS127 Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-1R0M MPSIND-PS127-1R0M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-1R5M MPSIND-PS127-1R5M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-1R8M MPSIND-PS127-1R8M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
PS127-R50M MPSIND-PS127-R50M Datasheet
156Kb / 1P
   SHIELDED SMD POWER INDUCTOR
More results

Similar Description - PS1270

ManufacturerPart #DatasheetDescription
logo
Power Sonic Corporation
PG-12V35-FR POWER-SONIC-PG-12V35-FR Datasheet
416Kb / 2P
   Rechargeable Sealed Lead Acid Battery Rechargeable Sealed Lead Acid Battery
logo
List of Unclassifed Man...
PS-1230 ETC2-PS-1230 Datasheet
1Mb / 3P
   Rechargeable Sealed Lead Acid Battery
logo
Power Sonic Corporation
PDC-12200 POWER-SONIC-PDC-12200 Datasheet
1Mb / 2P
   Rechargeable Sealed Lead Acid Battery
PG-2V270 POWER-SONIC-PG-2V270 Datasheet
295Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PG12V120-FR POWER-SONIC-PG12V120-FR Datasheet
361Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-85 POWER-SONIC-DCG12-85 Datasheet
472Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-100 POWER-SONIC-DCG12-100 Datasheet
472Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-125 POWER-SONIC-DCG12-125 Datasheet
499Kb / 2P
   Rechargeable Sealed Lead Acid Battery
DCG12-200 POWER-SONIC-DCG12-200 Datasheet
480Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PDC-1275 POWER-SONIC-PDC-1275 Datasheet
1Mb / 2P
   Rechargeable Sealed Lead Acid Battery
PS-12750S POWER-SONIC-PS-12750S Datasheet
177Kb / 2P
   Rechargeable Sealed Lead Acid Battery
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com