Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ3055 Datasheet(PDF) 7 Page - Texas Instruments

Part # BQ3055
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ3055 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ3055_14 Datasheet HTML 3Page - Texas Instruments BQ3055_14 Datasheet HTML 4Page - Texas Instruments BQ3055_14 Datasheet HTML 5Page - Texas Instruments BQ3055_14 Datasheet HTML 6Page - Texas Instruments BQ3055_14 Datasheet HTML 7Page - Texas Instruments BQ3055_14 Datasheet HTML 8Page - Texas Instruments BQ3055_14 Datasheet HTML 9Page - Texas Instruments BQ3055_14 Datasheet HTML 10Page - Texas Instruments BQ3055_14 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
bq3055
www.ti.com
SLUSA91B – OCTOBER 2010 – REVISED OCTOBER 2013
ELECTRICAL CHARACTERISTICS: RBI RAM Backup
Typical values stated where TA = 25ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VRBI > V(RBI)MIN, VCC < VIT
20
1100
nA
I(RBI)
RBI data-retention input current
VRBI > V(RBI)MIN, VCC < VIT,
500
TA= 0°C to 70°C
V(RBI)
RBI data-retention voltage
1
V
ELECTRICAL CHARACTERISTICS: 3.3V Regulator
Typical values stated where TA = 25ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
3.8 V < VCC or BAT
≤ 5 V,
2.4
3.5
V
ICC ≤4 mA
5V < VCC or BAT
≤ 6.8 V,
VREG33
Regulator output voltage
3.1
3.3
3.5
V
ICC ≤13 mA
6.8 V < VCC or BAT
≤ 20 V,
3.1
3.3
3.5
V
ICC ≤ 30 mA
IREG33
Regulator output current
2
mA
Regulator output change with
ΔV(VDDTEMP)
VCC or BAT = 14.4 V, IREG33 = 2 mA
0.2
%
temperature
ΔV(VDDLINE)
Line regulation
VCC or BAT = 14.4 V, IREG33 = 2 mA
1
13
mV
ΔV(VDDLOAD)
Load regulation
VCC or BAT = 14.4 V, IREG33 = 2 mA
5
18
mV
VCC or BAT = 14.4 V, VREG33 = 3 V
70
I(REG33MAX)
Current limit
mA
VCC or BAT = 14.4 V, VREG33 = 0 V
33
ELECTRICAL CHARACTERISTICS: 2.5V Regulator
Typical values stated where TA = 25ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG25
Regulator output voltage
IREG25 = 10 mA
2.35
2.5
2.55
V
IREG25
Regulator Output Current
3
mA
Regulator output change with
ΔV(VDDTEMP)
VCC or BAT = 14.4 V, IREG25 = 2 mA
0.25
%
temperature
ΔV(VDDLINE)
Line regulation
VCC or BAT = 14.4 V, IREG25 = 2 mA
1
4
mV
ΔV(VDDLOAD)
Load regulation
VCC or BAT = 14.4 V, IREG25 = 2 mA
20
40
mV
VCC or BAT = 14.4 V, VREG25 = 2.3 V
65
I(REG33MAX)
Current limit
mA
VCC or BAT = 14.4 V, VREG25 = 0 V
23
ELECTRICAL CHARACTERISTICS: PRES, SMBD, SMBC
Typical values stated where TA = 25ºC and VCC = 14.4 V, Min/Max values stated where TA= –40ºC to 85ºC and VCC = 3.8 V
to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input
PRES, SMBD, SMBC
2.0
V
VIL
Low-level input
PRES, SMBD, SMBC
0.8
V
VOL
Low-level output voltage
SMBD, SMBC
0.4
V
CIN
Input capacitance
PRES, SMBD, SMBC
5
pF
ILKG
Input leakage current
PRES, SMBD, SMBC
1
μA
IWPU
Weak Pull Up Current
PRES, VOH = VREG25 – 0.5 V
60
120
μA
RPD(SMBx)
SMBC, SMBD Pull-Down
TA = –40 to 100˚C
550
775
1000
k
Ω
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: bq3055


Similar Part No. - BQ3055_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3055 TI1-BQ3055_15 Datasheet
1Mb / 38P
[Old version datasheet]   CEDV Gas Gauge and Battery Pack Manager
More results

Similar Description - BQ3055_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3050 TI-BQ3050 Datasheet
735Kb / 28P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ30Z554-R1 TI1-BQ30Z554-R1 Datasheet
923Kb / 29P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ3055 TI-BQ3055 Datasheet
632Kb / 23P
[Old version datasheet]   2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
[Old version datasheet]   1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
BQ40Z80 TI1-BQ40Z80 Datasheet
1Mb / 46P
[Old version datasheet]   2-Series to 7-Series Li-Ion Battery Pack Manager
BQ40Z50-R1 TI1-BQ40Z50-R1 Datasheet
3Mb / 55P
[Old version datasheet]   Li-Ion Battery Pack Manager
logo
Renesas Technology Corp
RAJ240045 RENESAS-RAJ240045_V01 Datasheet
3Mb / 60P
   2 to 4 Series Li-ion Battery Manager
Feb. 23, 2018
RAJ240090 RENESAS-RAJ240090_V01 Datasheet
3Mb / 85P
   3 to 10 Series Li-ion Battery Manager
Jan.17, 2020
RAJ240310 RENESAS-RAJ240310 Datasheet
3Mb / 65P
   3 to 10 Series Li-ion Battery Manager
May 31, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com