Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15F72SPPFT Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB15F72SPPFT
Description  Dual Serial Input PLL Frequency Synthesizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F72SPPFT Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB15F72SPPFT Datasheet HTML 1Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 2Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 3Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 4Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 5Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 6Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 7Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 8Page - Fujitsu Component Limited. MB15F72SPPFT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
DS04-21363-2E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP
Dual Serial Input
PLL Frequency Synthesizer
MB15F72SP
s DESCRIPTION
The Fujitsu MB15F72SP is a serial input Phase Locked Loop (PLL) frequency synthesizer with a 1300 MHz and a
350 MHz prescalers. A 64/65 or a 128/129 for the 1300 MHz prescaler, and a 8/9 or a 16/17 for the 350 MHz pres-
caler can be selected for the prescaler that enables pulse swallow operation.
MB15F72SP has the same configuration with MB15F02 or MB15F02L. The BiCMOS process is used , as a result
a supply current is typically 2.7 mA typ. at 2.7 V.The supply voltage range is from 2.4 V to 3.6 V. A refined charge
pump supplies well-balanced output current with 1.5 mA and 6 mA selectable by serial data.
The new package(BCC20) decreases a area of MB15F72SP more than 30 % comparing with the former BCC16
(for dual PLL).
MB15F72SP is ideally suited for wireless mobile communications, such as PDC
s FEATURES
• High frequency operation:RF synthesizer: 1300 MHz max
:IF synthesizer: 350 MHz max
• Low power supply voltage: VCC = 2.4 to 3.6 V
• Ultra Low power supply current:ICC = 2.7 mA typ. (VCC = Vp = 2.7 V, SWIF = SWRF = 0,
Ta = +25
°C, in IF, RF locking state)
• Direct power saving function:Power supply current in power saving mode
Typ. 0.1
µA (VCC = Vp = 2.7 V, Ta = +25°C)
Max. 10
µA (VCC = Vp = 2.7 V)
(Continued)
s PACKAGES
20-pin plastic TSSOP
(FPT-20P-M06)
20-pad plastic BCC
(LCC-20P-M04)


Similar Part No. - MB15F72SPPFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72ULPFT FUJITSU-MB15F72ULPFT Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72ULPVA FUJITSU-MB15F72ULPVA Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UV FUJITSU-MB15F72UV Datasheet
237Kb / 26P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F72SPPFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com