Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSOT24 Datasheet(PDF) 3 Page - Protek Devices

Part # PSOT24
Description  500 WATT TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSOT24 Datasheet(HTML) 3 Page - Protek Devices

  PSOT24 Datasheet HTML 1Page - Protek Devices PSOT24 Datasheet HTML 2Page - Protek Devices PSOT24 Datasheet HTML 3Page - Protek Devices PSOT24 Datasheet HTML 4Page - Protek Devices PSOT24 Datasheet HTML 5Page - Protek Devices PSOT24 Datasheet HTML 6Page - Protek Devices PSOT24 Datasheet HTML 7Page - Protek Devices PSOT24 Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05059.R12 10/12
Page 3
PSOT03 - PSOT36C
TYPICAL DEVICE CHARACTERISTICS
Peak Pulse Power
8/20µs
Average Power
FIGURE 3
POWER DERATING CURVE
T
A - Ambient Temperature - °C
0
25
50
75
100
125
150
0
20
40
60
80
100
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
e-t
Peak Value I
PP
t
d = t/(IPP/2)
FIGURE 2
PULSE WAVE FORM
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
FIGURE 1
PEAK PULSE POWER VS PULSE TIME
t
d - Pulse Duration - µs
500W, 8/20µs Waveform
0.1
1
10
100
1,000
10,000
10
100
1,000
10,000


Similar Part No. - PSOT24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSOT24 PROTEC-PSOT24 Datasheet
95Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT24 PROTEC-PSOT24 Datasheet
64Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT24 PROTEC-PSOT24 Datasheet
738Kb / 8P
   500 WATT TVS ARRAY
PSOT24 PROTEC-PSOT24 Datasheet
740Kb / 8P
   500 WATT TVS ARRAY
PSOT24-LF-T7 PROTEC-PSOT24-LF-T7 Datasheet
64Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PSOT24

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM10ST2315C PROTEC-PAM10ST2315C Datasheet
714Kb / 7P
   500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03_12 Datasheet
740Kb / 8P
   500 WATT TVS ARRAY
PSOT03 PROTEC-PSOT03_11 Datasheet
738Kb / 8P
   500 WATT TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05-LF PROTEC-SMDA05-LF Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603_12 Datasheet
639Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603 Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_11 Datasheet
511Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA03 PROTEC-SMDA03_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com