Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB15F78SPPFT Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB15F78SPPFT
Description  Dual Serial Input PLL Frequency Synthesizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB15F78SPPFT Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB15F78SPPFT Datasheet HTML 1Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 2Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 3Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 4Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 5Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 6Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 7Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 8Page - Fujitsu Component Limited. MB15F78SPPFT Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MB15F78SP
2
(Continued)
• Dual modulus prescaler : 2550 MHz prescaler (32/33 or 64/65 )/1200 MHz prescaler (16/17 or 32/33)
• 23-bit shift register
• Serial input binary 14-bit programmable reference divider : R = 3 to 16,383
• Serial input programmable divider consisting of:
- Binary 7-bit swallow counter : 0 to 127
- Binary 11-bit programmable counter: 3 to 2,047
• Built-in high-speed tuning, low-noise phase comparator, current-switching type constant current circuit
• On–chip phase control for phase comparator
• Built-in digital locking detector circuit to detect PLL locking and unlocking
• Operating temperature : Ta = –40 to +85
°C
• Sireal data format compatible with MB15F08SL
s
s
s
s PIN ASSIGNMENTS
OSCIN
GND
finTX
XfinTX
GNDTX
VCCTX
PSTX
VpTX
DoTX
LD/fout
Clock
Data
LE
finRX
XfinRX
GNDRX
VCCRX
PSRX
VpRX
DoRX
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
DoTX
1
2
3
4
5
6
7
8
9 10
11
12
13
14
15
16
19 18 17
20
GNDTX
VCCTX
VpTX
finTX
PSTX
GNDRX
LE
finRX
VCCRX
PSRX
XfinRX
XfinTX
OSCIN
LD/fout
DoRX
VpRX
Data
Clock
(TSSOP-20)
TOP VIEW
(BCC-20)
TOP VIEW
(FPT-20P-M06)
(LCC-20P-M04)


Similar Part No. - MB15F78SPPFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F78UL FUJITSU-MB15F78UL Datasheet
270Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F78ULPFT FUJITSU-MB15F78ULPFT Datasheet
270Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F78ULPVA FUJITSU-MB15F78ULPVA Datasheet
270Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results

Similar Description - MB15F78SPPFT

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB15F02 FUJITSU-MB15F02 Datasheet
202Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F02SL FUJITSU-MB15F02SL Datasheet
228Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72SP FUJITSU-MB15F72SP Datasheet
286Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F72UL FUJITSU-MB15F72UL Datasheet
279Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F74UV FUJITSU-MB15F74UV_04 Datasheet
231Kb / 25P
   Dual Serial Input PLL Frequency Synthesizer
MB1519 FUJITSU-MB1519 Datasheet
133Kb / 16P
   DUAL SERIAL INPUT PLL FREQUENCY SYNTHESIZER
MB15F02L FUJITSU-MB15F02L Datasheet
266Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03 FUJITSU-MB15F03 Datasheet
192Kb / 22P
   Dual Serial Input PLL Frequency Synthesizer
MB15F03L FUJITSU-MB15F03L Datasheet
273Kb / 24P
   Dual Serial Input PLL Frequency Synthesizer
MB15F07SL FUJITSU-MB15F07SL Datasheet
244Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
MB15F08SL FUJITSU-MB15F08SL Datasheet
239Kb / 27P
   Dual Serial Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com