Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN-208E Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # HN-208E
Description  Family of 802.11b Wireless Data Modems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HN-208E Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  HN-208E Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HN-208E Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HN-208E Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 1 of 3
©2008 by RF Monolithics, Inc.
HN-208 - 4/10/08
DEVELOPER KIT
(Info: click here)
Specifications
HN208x
HN-208xX
Frequency Band
2.4 ~ 2.4835 GHz (US/Can/Japan/Europe) 2.471 ~ 2.497 GHz (Japan)
Technology
IEEE 802.11b DSSS, WiFi compliant
Number of Channels
11 Ch. - USA/Canada, 13 Ch. - Europe, 14 Ch. - Japan, 4 Ch. - France
MAC
CSMA/CA with ACK, RTS, CTS
Data Rate
11Mbps, 5.5Mbps, 2Mbps and 1Mbps
Security
WEP standard encryption, 64/128 bits
Modulation Type
DQPSK, DBPSK, and CCK
GPIO
2 digital I/O signals
Serial
UART up to 230.4 Kbps
Transmit Power
+20 dBm
+14dBm
Receive Sensitivity
-88dBm for 11Mbps
-82dBm for 11Mbps
-92dBm for 5.5Mbps
-86dBm for 5.5Mbps
-94dBm for 2Mbps
-88dBm for 2Mbps
-96dBm for 1Mbps
-90dBm for 1Mbps
Integral Antenna
6dB Patch
none
Antenna Connector
None
Reverse TNC
Power Requirements
9 VDC
Operating Temperature
-40°C to +85°C
The HN-208 is a versatile, low cost, multi-purpose 802.11b wireless data modem. Available in three different
versions, the HN-208 series provides an Ethernet connection, an RS-232 serial connection, or a single I/O
connection. The HN-208 communicates with existing 802.11b access points and supports peer-to-peer links
as well.
Family of
802.11b
Wireless Data
Modems
HN-208
Features:
• 2.4GHz frequency DSSS technology
• Up to 11Mbps data rate
• 11 channels USA/Canada
• FCC certified and CE marked
• NEMA 4X enclosure
• Integral 6dB patch antenna
• Ethernet, serial, and I/O interface
Benefits:
• Highly integrated 802.11b solution
• Supports high speed applications
needing long range
• Quick time to market
• License-free application worldwide
• Can be deployed in industrial & outdoor
locations
• Cost-effective, simple installation
• Connects to a variety of devices
HN-208


Similar Part No. - HN-208E

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
HN-208EX MURATA-HN-208EX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
More results

Similar Description - HN-208E

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HN-208 RFM-HN-208 Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
logo
Murata Manufacturing Co...
HN-208EX MURATA-HN-208EX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208S MURATA-HN-208S Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208SX MURATA-HN-208SX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208I MURATA-HN-208I Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
logo
List of Unclassifed Man...
CH1786 ETC-CH1786 Datasheet
543Kb / 18P
   CH1786 Family of Ultra Small 2400bps Modems
logo
Silicon Laboratories
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
logo
Level One
WBO-0100 LVL1-WBO-0100 Datasheet
223Kb / 3P
   Works with IEEE 802.11b/g wireless LAN
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com