Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HN-208I Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # HN-208I
Description  Family of 802.11b Wireless Data Modems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

HN-208I Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  HN-208I Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. HN-208I Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. HN-208I Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
www.RFM.com
E-mail: info@rfm.com
Page 3 of 3
©2008 by RF Monolithics, Inc.
HN-208 - 4/10/08
Reliability
Built around an industrial 802.11b radio, the HN-208 has an integral 6dB patch antenna creating a "single piece" modem that is rated over the full -40°C to
+85°C temperature range. Communication with the HN-208 is through a 10BaseT Ethernet connection (HN-208E) or a UART at up to 115.2 Kbps (HN-
208S). The HN-208I allows monitoring or setting a logic level input signal. The HN-208 communicates over the air at up to 11Mbps and supports point-to-
multipoint networks.
With a NEMA 4X weatherproof enclosure and aluminum mounting flange, the HN-208 is simple to install on the side of a building or attached to a mast.
With no antenna to connect, the HN-208 is simply mounted where the antenna would ordinarily be mounted. This removes the need for long antenna cable
runs, expensive both in terms of cost and performance.
The HN-208 comes with a 50-foot cable that connects to an indoor adapter box (included) that provides a standard 10BaseT or RS-232 serial connection.
The adapter box provides power to the HN-208 through a universal 110/220 50/60 wall-mount power supply (also included).
The integral 6dB patch antenna provides a line-of-site range of several miles, making the HN-208 ideal for a variety of "last mile" applications. For
applications requiring more antenna gain, the HN-208X replaces the built-in patch antenna with an external TNC connector.
Low Cost
When paired with an 802.11b access point, the HN-208 provides a cost-effective link from remote devices to Ethernet/IP-based applications. These
applications include Intranet-based applications as well as Internet access. Transmit power is +15dBm which allows the HN-208 to be used worldwide even
with the gain of the patch antenna.
The HN-208 has been designed specifically to provide wireless LAN and Internet connectivity in industrial, scientific, medical, automotive, and other
applications. The HN-208 can be monitored and controlled by a handheld device, by a PC in a central location, or over the Internet. This eliminates cabling
and allows the equipment to be moved. Additionally, email or text messages can be sent out advising appropriate personnel of alarm conditions or status
of equipment. The module is an excellent solution for remote sensing and data collection.
The HN-208 is both FCC and CE marked. With its operation in the 2.4GHz ISM band, the HN-208 can be deployed around the world without a license.


Similar Part No. - HN-208I

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HN-208 RFM-HN-208 Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
logo
Murata Manufacturing Co...
HN-208E MURATA-HN-208E Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208EX MURATA-HN-208EX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208S MURATA-HN-208S Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208SX MURATA-HN-208SX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
More results

Similar Description - HN-208I

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
HN-208 RFM-HN-208 Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
logo
Murata Manufacturing Co...
HN-208EX MURATA-HN-208EX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208E MURATA-HN-208E Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208S MURATA-HN-208S Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
HN-208SX MURATA-HN-208SX Datasheet
240Kb / 3P
   Family of 802.11b Wireless Data Modems
logo
List of Unclassifed Man...
CH1786 ETC-CH1786 Datasheet
543Kb / 18P
   CH1786 Family of Ultra Small 2400bps Modems
logo
Silicon Laboratories
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
logo
Level One
WBO-0100 LVL1-WBO-0100 Datasheet
223Kb / 3P
   Works with IEEE 802.11b/g wireless LAN
logo
Microchip Technology
RN1810 MICROCHIP-RN1810 Datasheet
1Mb / 36P
   2.4 GHz IEEE 802.11b/g/n Wireless Module
07/14/15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com