Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAR-F5CH-820M00-L2FV-R Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # FAR-F5CH-820M00-L2FV-R
Description  Piezoelectric SAW BPF (700 to 1000 MHz)
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FAR-F5CH-820M00-L2FV-R Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  FAR-F5CH-820M00-L2FV-R Datasheet HTML 1Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 2Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 3Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 4Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 5Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 6Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 7Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 8Page - Fujitsu Component Limited. FAR-F5CH-820M00-L2FV-R Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
4
F5CH Series (L2 type)
s ELECTRIC CHARACTERISTICS
1.
AMPS/ADC (Tx)
Part number: FAR-F5CH-836M50-L2AL
(Ta = –30 to +85
°C)
2.
AMPS/ADC (Tx) High Attenuation Type
Part number: FAR-F5CH-836M50-L2AW
(Ta = –30 to +85
°C)
3.
AMPS/ADC (Rx)
Part number: FAR-F5CH-881M50-L2AM
(Ta = –30 to +85
°C)
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
824 to 849 MHz
—1.6
2.5
dB
Inband ripple
824 to 849 MHz
—1.0
2.0
dB
Absolute attenuation
869 to 894 MHz
20
25
dB
Inband VSWR
824 to 849 MHz
—1.8
2.0
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
824 to 849 MHz
—2.6
3.5
dB
Inband ripple
824 to 849 MHz
—1.0
2.0
dB
Absolute attenuation
DC to 800 MHz
28
31
dB
869 to 1049 MHz
30
38
dB
1049 to 2000 MHz
25
30
dB
Inband VSWR
824 to 849 MHz
—1.8
2.5
Parameter
Symbol
Condition
Value
Unit
Remarks
Min.
Typ.
Max.
Insertion loss
IL
869 to 894 MHz
—2.5
3.5
dB
Inband ripple
869 to 894 MHz
—1.0
2.0
dB
Absolute attenuation
DC to 849 MHz
20
24
dB
914 to 939 MHz
20
30
dB
939 to 1049 MHz
25
30
dB
1049 to 2000 MHz
20
23
dB
Inband VSWR
869 to 894 MHz
—1.8
2.0


Similar Part No. - FAR-F5CH-820M00-L2FV-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231 FUJITSU-FAR-F5CE-820M00-D231 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE-820M00-D231-U FUJITSU-FAR-F5CE-820M00-D231-U Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F5CE-820M00-D231-V FUJITSU-FAR-F5CE-820M00-D231-V Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
More results

Similar Description - FAR-F5CH-820M00-L2FV-R

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FAR-F5CE-D2 FUJITSU-FAR-F5CE-D2 Datasheet
198Kb / 19P
   Piezoelectric SAW BPF (700 to 1000 MHz)
FAR-F5CE FUJITSU-FAR-F5CE Datasheet
515Kb / 49P
   Piezoelectric SAW BPF (700 to 1700 MHz)
FAR-F6CE FUJITSU-FAR-F6CE Datasheet
428Kb / 39P
   Piezoelectric SAW BPF (1000 to 2500 MHz)
FAR-F5CP FUJITSU-FAR-F5CP Datasheet
230Kb / 18P
   Piezoelectric SAW BPF (700 to 1700MHz)
FAR-F5CM FUJITSU-FAR-F5CM Datasheet
128Kb / 15P
   SAW Filter (700 to 1000 MHz)
FAR-D5CC FUJITSU-FAR-D5CC Datasheet
127Kb / 15P
   SAW Duplexer (700 to 1000 MHz)
logo
OKI electronic componet...
MBF9042BB OKI-MBF9042BB Datasheet
97Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BB OKI-MBF9045BB Datasheet
131Kb / 10P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9045BC OKI-MBF9045BC Datasheet
122Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
MBF9046BC OKI-MBF9046BC Datasheet
145Kb / 11P
   SAW Antenna Duplexer (700 to 1000 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com