Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS25CP102 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DS25CP102
Description  3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS25CP102 Datasheet(HTML) 5 Page - Texas Instruments

  DS25CP102 Datasheet HTML 1Page - Texas Instruments DS25CP102 Datasheet HTML 2Page - Texas Instruments DS25CP102 Datasheet HTML 3Page - Texas Instruments DS25CP102 Datasheet HTML 4Page - Texas Instruments DS25CP102 Datasheet HTML 5Page - Texas Instruments DS25CP102 Datasheet HTML 6Page - Texas Instruments DS25CP102 Datasheet HTML 7Page - Texas Instruments DS25CP102 Datasheet HTML 8Page - Texas Instruments DS25CP102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
DS25CP102
www.ti.com
SNLS262D – OCTOBER 2007 – REVISED MAY 2011
AC Electrical Characteristics
(1)
Over recommended operating supply and temperature ranges unless otherwise specified.
(2) (3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVDS OUTPUT AC SPECIFICATIONS
tPLHD
Differential Propagation Delay Low to
365
500
ps
High
RL = 100Ω
tPHLD
Differential Propagation Delay High to
345
500
ps
Low
tSKD1
Pulse Skew |tPLHD − tPHLD|
(4)
20
55
ps
tSKD2
Channel to Channel Skew (5)
12
25
ps
tSKD3
Part to Part Skew , (6)
50
150
ps
tLHT
Rise Time
65
120
ps
RL = 100Ω
tHLT
Fall Time
65
120
ps
tON
Output Enable Time
ENn = LH to output active
7
20
μs
tOFF
Output Disable Time
ENn = HL to output inactive
5
12
ns
tSEL
Select Time
SELn LH or HL to output
3.5
12
ns
JITTER PERFORMANCE WITH EQ = Off, PE = Off (Figure 5)
tRJ1
Random Jitter (RMS Value)
VID = 350 mV
2.5 Gbps
0.5
1
ps
No Test Channels
VCM = 1.2V
tRJ2
3.125 Gbps
0.5
1
ps
(7)
Clock (RZ)
tDJ1
Deterministic Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
6
22
ps
No Test Channels
VCM = 1.2V
tDJ2
3.125 Gbps
6
22
ps
(8)
K28.5 (NRZ)
tTJ1
Total Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
0.03
0.08
UIP-P
No Test Channels
VCM = 1.2V
tTJ2
3.125 Gbps
0.05
0.11
UIP-P
(9)
PRBS-23 (NRZ)
JITTER PERFORMANCE WITH EQ = Off, PE = On (Figure 6, Figure 9)
tRJ1B
Random Jitter (RMS Value)
VID = 350 mV
2.5 Gbps
0.5
1
ps
Test Channel B
VCM = 1.2V
tRJ2B
3.125 Gbps
0.5
1
ps
(7)
Clock (RZ)
tDJ1B
Deterministic Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
3
12
ps
Test Channel B
VCM = 1.2V
tDJ2B
3.125 Gbps
3
12
ps
(8)
K28.5 (NRZ)
tTJ1B
Total Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
0.03
0.06
UIP-P
Test Channel B
VCM = 1.2V
tTJ2B
3.125 Gbps
0.04
0.09
UIP-P
(9)
PRBS-23 (NRZ)
JITTER PERFORMANCE WITH EQ = On, PE = Off (Figure 7, Figure 9)
tRJ1D
Random Jitter (RMS Value)
VID = 350 mV
2.5 Gbps
0.5
1
ps
Test Channel D
VCM = 1.2V
tRJ2D
3.125 Gbps
0.5
1
ps
(7)
Clock (RZ)
tDJ1D
Deterministic Jitter (Peak to Peak)
VID = 350 mV
2.5 Gbps
16
24
ps
Test Channel D
VCM = 1.2V
tDJ2D
3.125 Gbps
12
24
ps
(8)
K28.5 (NRZ)
(1)
Specification is guaranteed by characterization and is not tested in production.
(2)
The Electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(3)
Typical values represent most likely parametric norms for VCC = +3.3V and TA = +25°C, and at the Recommended Operation Conditions
at the time of product characterization and are not guaranteed.
(4)
tSKD1, |tPLHD − tPHLD|, Pulse Skew, is the magnitude difference in differential propagation delay time between the positive going edge and
the negative going edge of the same channel.
(5)
tSKD2, Channel to Channel Skew, is the difference in propagation delay (tPLHD or tPHLD) among all output channels in Broadcast mode
(any one input to all outputs).
(6)
tSKD3, Part to Part Skew, is defined as the difference between the minimum and maximum differential propagation delays. This
specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(7)
Measured on a clock edge with a histogram and an accumulation of 1500 histogram hits. Input stimulus jitter is subtracted geometrically.
(8)
Tested with a combination of the 1100000101 (K28.5+ character) and 0011111010 (K28.5- character) patterns. Input stimulus jitter is
subtracted algebraically.
(9)
Measured on an eye diagram with a histogram and an accumulation of 3500 histogram hits. Input stimulus jitter is subtracted.
Copyright © 2007–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS25CP102


Similar Part No. - DS25CP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102 TI1-DS25CP102 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q NSC-DS25CP102Q Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results

Similar Description - DS25CP102

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS25CP102 NSC-DS25CP102 Datasheet
396Kb / 16P
   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP102Q TI1-DS25CP102Q_13 Datasheet
1Mb / 22P
[Old version datasheet]   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q Datasheet
390Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102 TI1-DS25CP102_14 Datasheet
1Mb / 21P
[Old version datasheet]   DS25CP102 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP102Q NSC-DS25CP102Q_09 Datasheet
423Kb / 16P
   Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
Texas Instruments
DS25CP102Q TI1-DS25CP102Q_14 Datasheet
1Mb / 23P
[Old version datasheet]   DS25CP102Q Automotive 3.125 Gbps 2X2 LVDS Crosspoint Switch with Transmit Pre- Emphasis and Receive Equalization
DS25CP104A TI1-DS25CP104A_15 Datasheet
1Mb / 31P
[Old version datasheet]   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25CP104 NSC-DS25CP104_07 Datasheet
540Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
DS25CP104A NSC-DS25CP104A Datasheet
600Kb / 28P
   3.125 Gbps 4x4 LVDS Crosspoint Switch with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com