Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTR111 Datasheet(PDF) 10 Page - Texas Instruments

Part # XTR111
Description  Precision Voltage-to-Current Converter/Transmitter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XTR111 Datasheet(HTML) 10 Page - Texas Instruments

Back Button XTR111_14 Datasheet HTML 6Page - Texas Instruments XTR111_14 Datasheet HTML 7Page - Texas Instruments XTR111_14 Datasheet HTML 8Page - Texas Instruments XTR111_14 Datasheet HTML 9Page - Texas Instruments XTR111_14 Datasheet HTML 10Page - Texas Instruments XTR111_14 Datasheet HTML 11Page - Texas Instruments XTR111_14 Datasheet HTML 12Page - Texas Instruments XTR111_14 Datasheet HTML 13Page - Texas Instruments XTR111_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
RegulatorVoltageDrift(ppm/ C)
°
0
10
I
=0.6mA
LOAD
20
30
40
50
60
70
80
More
RegulatorVoltage(V)
I
LOAD =0.6mA
V
InputBiasCurrentDrift(nA/ C)
REGS
°
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
REGS InputBiasCurrent(mA)
0
5
SupplyVoltage(V)
50
3.05
3.04
3.03
3.02
3.01
3.00
2.99
2.98
2.97
2.96
2.95
10
15
20
25
30
35
40
45
I
=0.6mA
LOAD
-75
-50
Temperature( C)
°
125
3.05
3.04
3.03
3.02
3.01
3.00
2.99
2.98
2.97
2.96
2.95
-25
0
25
50
75
100
I
=0.6mA
LOAD
XTR111
SBOS375C
– NOVEMBER 2006 – REVISED JUNE 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VVSP = +24V, unless otherwise noted.
REGULATOR VOLTAGE DISTRIBUTION
REGULATOR VOLTAGE DRIFT DISTRIBUTION
Figure 25.
Figure 26.
REGULATOR INPUT
REGULATOR INPUT BIAS
BIAS CURRENT DISTRIBUTION
CURRENT DRIFT DISTRIBUTION
(Current into REGS Pin)
(Drift of Current into REGS Pin)
Figure 27.
Figure 28.
REGULATOR VOLTAGE vs SUPPLY VOLTAGE
REGULATOR VOLTAGE vs TEMPERATURE
Figure 29.
Figure 30.
10
Copyright
© 2006–2011, Texas Instruments Incorporated


Similar Part No. - XTR111_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
More results

Similar Description - XTR111_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
[Old version datasheet]   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
XTR111 TI1-XTR111_16 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111AIDGQR TI-XTR111AIDGQR Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
XTR111 TI1-XTR111 Datasheet
1Mb / 32P
[Old version datasheet]   Precision Voltage-to-Current Converter/Transmitter
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111_07 Datasheet
562Kb / 27P
   Precision Voltage-to-Current Converter/Transmitter
ALD1000 BURR-BROWN-ALD1000 Datasheet
153Kb / 14P
   Precision Programmable CURRENT/VOLTAGE TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com