Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3DDR32611 Datasheet(PDF) 2 Page - Texas Instruments

Part # TS3DDR32611
Description  1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DDR32611 Datasheet(HTML) 2 Page - Texas Instruments

  TS3DDR32611_14 Datasheet HTML 1Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 2Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 3Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 4Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 5Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 6Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 7Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 8Page - Texas Instruments TS3DDR32611_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
C
B
A
1
2
3
VTT
VTT
GND
VLDO
IN
CH23
CH21
VDDQ
VDD
CH22
VTT
EN
CH24
CH20
PGND
VTT
REF
VTT
SNS
NC
GND
ODT
EN
CH25
CH19
GND
GND
GND
CH15
CH11
CH7
CH17
CH13
CH9
CH16
CH12
CH8
GND
GND
GND
GND
GND
GND
CH18
CH14
CH10
CH1
CH3
CH5
CH4
CH2
CH0
CH6
F
E
D
G
4
5
6
7
Switch I/O
GND
LDO Power
LDO I/O
Control
C
B
A
7
6
5
VTT
VTT
GND
VLDO
IN
CH23
CH21
VDDQ
VDD
CH22
VTT
EN
CH24
CH20
PGND
VTT
REF
VTT
SNS
NC
GND
ODT
EN
CH25
CH19
GND
GND
GND
CH15
CH11
CH7
CH17
CH13
CH9
CH16
CH12
CH8
GND
GND
GND
GND
GND
GND
CH18
CH14
CH10
CH1
CH3
CH5
CH4
CH2
CH0
CH6
F
E
D
G
4
3
2
1
NC
TS3DDR32611
SCDS347A – AUGUST 2013 – REVISED SEPTEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DIE SIZE: 4.0 mm × 4.0 mm
BUMP PITCH: 0.5 mm
TS3DDR32611 Pin Mapping(1)
7
6
5
4
3
2
1
G
CH5
CH9
CH13
CH17
CH22
VDD
VDDQ
F
CH3
CH7
CH11
CH15
CH21
CH23
VLODIN
E
CH1
GND
GND
GND
GND
VTT
VTT
D
CH0
GND
GND
GND
GND
NC
VTTSNS
C
CH2
GND
GND
GND
VREF
PGND
B
CH4
CH8
CH12
CH16
CH20
CH24
VTT_EN
A
CH6
CH10
CH14
CH18
CH19
CH25
ODT_EN
(1)
The NC must be floating, and cannot be connected to anything.
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NO.
NAME
C4, C5, C6, D3, D4, D5,
GND
Signal Ground
D6, E3, E4, E5, E6
E1, E2
VTT
O
Power output for VTT LDO, need to connect 10-
μF or greater MLCC for stability
C1
PGND
Power GND for VTT LDO
D1
VTTSNS
I
VTT LDO voltage sense input
F1
VLDOIN
I
Power supply input for VTT/ VTTREF
C2
VREF
O
VREF buffered reference output. Need to connect 0.22-
μF or greater MLCC for stability.
B1
VTT_EN
I
Enable signal for VTT and VREF output
A1
ODT_EN
I
Enable signal for Switch
G1
VDDQ
I
VDDQ input, reference input for VREF
G2
VDD
I
Device power supply input 3.3 V typical
D7, E7, C7, F7, B7, G7,
A7, F6, B6, G6, A6, F5,
B5, G5, A5, F4, B4, G4,
CH0-CH25
I/O
Switch input or output
A4, A3, B3, F3, G3, F2,
B2, A2
D2
NC
Not connected, must be floating and cannot be connected to any signal
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TS3DDR32611


Similar Part No. - TS3DDR32611_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
More results

Similar Description - TS3DDR32611_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DDR32611 TI1-TS3DDR32611 Datasheet
815Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
TS3DDR32611 TI-TS3DDR32611_15 Datasheet
798Kb / 13P
[Old version datasheet]   1A Peak Sink/Source PCDDR3 Termination Regulator with Integrated Isolation Switch and Low Power Mode Operation
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Richtek Technology Corp...
RT9173D RICHTEK-RT9173D Datasheet
223Kb / 13P
   Cost-Effective, Peak 3A Sink/Source Bus Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com