Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS92550 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS92550
Description  450mA 14W Constant Current Buck LED Driver Micro-Module
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92550 Datasheet(HTML) 3 Page - Texas Instruments

  TPS92550 Datasheet HTML 1Page - Texas Instruments TPS92550 Datasheet HTML 2Page - Texas Instruments TPS92550 Datasheet HTML 3Page - Texas Instruments TPS92550 Datasheet HTML 4Page - Texas Instruments TPS92550 Datasheet HTML 5Page - Texas Instruments TPS92550 Datasheet HTML 6Page - Texas Instruments TPS92550 Datasheet HTML 7Page - Texas Instruments TPS92550 Datasheet HTML 8Page - Texas Instruments TPS92550 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
1
3
4
5
6
2
7
Exposed Pad
Connect to GND
LED+
LED+
DIM
GND
VREF
IADJ
LED-
EP
VIN
High Power LED String
ILED
CIN
IIN
TPS92550
TPS92550, TPS92550EVM
www.ti.com
SNVS806B – MAY 2012 – REVISED OCTOBER 2012
TYPICAL APPLICATION CIRCUIT
CONNECTION DIAGRAM
Figure 5. 7-Pin PFM (Top View)
See NDW0007A Package
PIN DESCRIPTIONS
Pin
Name
Description
Function
Number
1,2
LED+
Anode of LED string
Supply input and rail connection to the anode of the LED string.
3
DIM
Dimming signal input
Dimming control signal input. Open to enable or apply logic level PWM signal
to control the brightness of the LED string.
4
GND
Ground
Reference point for all stated voltages. Connect to the exposed pad of the
package externally.
5
VREF
Voltage reference
Internal voltage reference output.
6
IADJ
LED current adjustment
Fine tunning of the LED current by connecting a resistor between this pin and
ground. Connect this pin to ground for factory preset current.
7
LED-
Cathode of LED string
The current return pin of the LED string, connect to the cathode of the LED
string.
EP
Exposed Pad
Exposed thermal pad
Used to dissipate heat from the package during operation. Must connect to
GND directly.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS92550 TPS92550EVM


Similar Part No. - TPS92550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92550 TI1-TPS92550 Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550 TI1-TPS92550 Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550TZ TI1-TPS92550TZ Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550TZ/NOPB TI1-TPS92550TZ/NOPB Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550TZE TI1-TPS92550TZE Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
More results

Similar Description - TPS92550

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92550 TI1-TPS92550_16 Datasheet
2Mb / 25P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92550 TI1-TPS92550 Datasheet
1Mb / 21P
[Old version datasheet]   450mA 14W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551_14 Datasheet
1Mb / 22P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551 Datasheet
1Mb / 21P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
TPS92551 TI1-TPS92551_16 Datasheet
2Mb / 26P
[Old version datasheet]   450mA 23W Constant Current Buck LED Driver Micro-Module
logo
Recom International Pow...
RCD-48 RECOM-RCD-48 Datasheet
114Kb / 4P
   Constant Current Buck LED Driver
RCDE-48 RECOM-RCDE-48 Datasheet
880Kb / 7P
   Constant Current Buck LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX7135 QXMD-QX7135 Datasheet
2Mb / 2P
   Linear buck LED constant current driver
logo
Shenzhen Tianyuan Semic...
TP8021A TPOWER-TP8021A Datasheet
551Kb / 5P
   Average Current Type LED Buck Constant Current Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com