Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LKN-225 Datasheet(PDF) 4 Page - Cooper Bussmann, Inc.

Part # LKN-225
Description  REN (250V) RES (600V) Renewable Class H Fuses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

LKN-225 Datasheet(HTML) 4 Page - Cooper Bussmann, Inc.

  LKN-225 Datasheet HTML 1Page - Cooper Bussmann, Inc. LKN-225 Datasheet HTML 2Page - Cooper Bussmann, Inc. LKN-225 Datasheet HTML 3Page - Cooper Bussmann, Inc. LKN-225 Datasheet HTML 4Page - Cooper Bussmann, Inc. LKN-225 Datasheet HTML 5Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
REN (250V) & RES (600V)
Renewable Class H Fuses
Technical Data 1028
Effective March 2014
Time-current characteristic curves – average melt
600V RES (LKS Fuse links)
www.bussmann.com


Similar Part No. - LKN-225

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
LKN-225 COOPER-LKN-225 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
LKN-225 COOPER-LKN-225 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
More results

Similar Description - LKN-225

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-90 COOPER-RES-90 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
RES-150 COOPER-RES-150 Datasheet
1Mb / 5P
   REN (250V) RES (600V) Renewable Class H Fuses
logo
List of Unclassifed Man...
REN-1 ETC1-REN-1 Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Eaton All Rights Reserv...
REN EATON-REN Datasheet
615Kb / 5P
   REN (250V) and RES (600V) Renewable Class H size fuses
logo
Cooper Bussmann, Inc.
KWN-R-1 COOPER-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
List of Unclassifed Man...
KWN-R-1 ETC1-KWN-R-1 Datasheet
1Mb / 4P
   250V KWN-R and 600V KWS-R Class RK1 fuses
logo
Littelfuse
RLN LITTELFUSE-RLN Datasheet
777Kb / 1P
   RLN/RLS Class H Fuses
logo
Cooper Bussmann, Inc.
H60030-1S COOPER-H60030-1S Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
H60030-1 COOPER-H60030-1 Datasheet
382Kb / 3P
   600V Class H Fuse Blocks
logo
Littelfuse
RLN LITTELFUSE-RLN_V01 Datasheet
296Kb / 1P
   Class H ??RLN / RLS series fuses & lkn / lks links
Rev: 100112
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com