Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RXEF135 Datasheet(PDF) 11 Page - Tyco Electronics

Part # RXEF135
Description  PolySwitch Resettable Devices
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RXEF135 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button RXEF135 Datasheet HTML 7Page - Tyco Electronics RXEF135 Datasheet HTML 8Page - Tyco Electronics RXEF135 Datasheet HTML 9Page - Tyco Electronics RXEF135 Datasheet HTML 10Page - Tyco Electronics RXEF135 Datasheet HTML 11Page - Tyco Electronics RXEF135 Datasheet HTML 12Page - Tyco Electronics RXEF135 Datasheet HTML 13Page - Tyco Electronics RXEF135 Datasheet HTML 14Page - Tyco Electronics RXEF135 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
145
RoHS Compliant, ELV Compliant
12
RKEF
60V
RKEF050
7.10
11.43
4.32
5.84
7.60
3.56
R10, R13,
0.166
(0.28)
(0.45)
(0.17)
(0.23)
(0.30)
(0.14)
R14
RKEF065
7.11
12.20
4.32
5.84
7.60
3.56
R10, R13,
0.182
(0.28)
(0.48)
(0.17)
(0.23)
(0.30)
(0.14)
R14
RKEF075
7.87
12.20
4.32
5.84
7.60
3.56
R10, R13,
0.201
(0.31)
(0.48)
(0.17)
(0.23)
(0.30)
(0.14)
R14
RKEF090
7.87
13.97
4.32
5.84
7.60
3.56
R10, R13,
0.235
(0.31)
(0.55)
(0.17)
(0.23)
(0.30)
(0.14)
R14
RKEF110
7.60
15.00
4.32
5.84
7.60
4.10
R10, R13,
0.353
(0.30)
(0.59)
(0.17)
(0.23)
(0.30)
(0.16)
R14
RKEF135
10.20
17.00
4.32
5.84
7.60
3.81
R11, R13,
0.438
(0.40)
(0.67)
(0.17)
(0.23)
(0.30)
(0.15)
R14
RKEF160
12.20
18.30
4.32
5.84
7.60
3.81
R11, R13,
0.546
(0.48)
(0.72)
(0.17)
(0.23)
(0.30)
(0.15)
R14
RKEF185
13.00
18.80
4.32
5.84
7.60
3.81
R11, R13,
0.538
(0.51)
(0.74)
(0.17)
(0.23)
(0.30)
(0.15)
R14
RKEF250
14.00
20.60
4.32
5.84
7.60
3.00
R11, R13,
0.775
(0.55)
(0.81)
(0.17)
(0.23)
(0.30)
(0.12)
R14
RKEF300
16.50
21.20
4.32
5.84
7.60
3.00
R11, R13,
0.971
(0.65)
(0.83)
(0.17)
(0.23)
(0.30)
(0.12)
R14
RKEF375
16.50
25.20
9.40
10.90
7.60
3.00
R11, R13,
1.142
(0.65)
(0.99)
(0.37)
(0.43)
(0.30)
(0.12)
R14
RKEF400
21.00
24.90
9.40
10.90
7.60
3.00
R11, R13,
1.391
(0.83)
(0.98)
(0.37)
(0.43)
(0.30)
(0.12)
R14
RKEF500
24.10
29.00
9.40
10.90
7.60
3.00
R11, R13,
1.783
(0.95)
(1.14)
(0.37)
(0.43)
(0.30)
(0.12)
R14
RUEF
30V
RUEF090
7.4
12.2
4.3
5.8
7.6
3.0
0.89
0.8
R10, R13,
0.183
(0.29)
(0.48)
(0.17)
(0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RUEF110
7.4
14.2
4.3
5.8
7.6
3.0
0.89
0.8
R10, R13,
0.204
(0.29)
(0.56)
(0.17)
(0.23)
(0.30)
(0.12)
(0.035)
(0.03)
R14
RUEF135
8.9
13.5
4.3
5.8
7.6
3.0
0.89
1.0
R10, R13,
0.255
(0.35)
(0.53)
(0.17)
(0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUEF160
8.9
15.2
4.3
5.8
7.6
3.0
0.89
1.0
R10, R13,
0.289
(0.35)
(0.60)
(0.17)
(0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUEF185
10.2
15.7
4.3
5.8
7.6
3.0
0.89
1.0
R10, R13,
0.379
(0.40)
(0.62)
(0.17)
(0.23)
(0.30)
(0.12)
(0.035)
(0.04)
R14
RUEF250
11.4
18.3
4.3
5.8
7.6
3.0
0.89
1.2
R10, R13,
0.493
(0.45)
(0.72)
(0.17)
(0.23)
(0.30)
(0.12)
(0.035)
(0.05)
R14
RUEF300
11.4
16.5
4.3
5.8
7.6
3.0
1.19
1.5
R11, R13,
0.516
(0.45)
(0.65)
(0.17)
(0.23)
(0.30)
(0.12)
(0.047)
(0.06)
R14
RUEF400
14.0
19.3
4.3
5.8
7.6
3.0
1.19
1.7
R11, R13,
0.670
(0.55)
(0.76)
(0.17)
(0.23)
(0.30)
(0.12)
(0.047)
(0.07)
R14
RUEF500
14.0
24.1
9.4
10.9
7.6
3.0
1.19
1.0
R11, R13,
0.926
(0.55)
(0.95)
(0.37)
(0.43)
(0.30)
(0.12)
(0.047)
(0.04)
R14
RUEF600
16.5
24.1
9.4
10.9
7.6
3.0
1.19
1.0
R11, R13,
1.352
(0.65)
(0.95)
(0.37)
(0.43)
(0.30)
(0.12)
(0.047)
(0.04)
R14
RUEF700
19.1
25.9
9.4
10.9
7.6
3.0
1.19
1.2
R11, R13,
1.543
(0.75)
(1.02)
(0.37)
(0.43)
(0.30)
(0.12)
(0.047)
(0.05)
R14
RUEF800
21.6
28.4
9.4
10.9
7.6
3.0
1.19
1.5
R11, R13,
1.852
(0.85)
(1.12)
(0.37)
(0.43)
(0.30)
(0.12)
(0.047)
(0.06)
R14
RUEF900
24.1
29.0
9.4
10.9
7.6
3.0
1.19
1.5
R11, R13,
2.104
(0.95)
(1.14)
(0.37)
(0.43)
(0.30)
(0.12)
(0.047)
(0.06)
R14
RHEF
30V - High Temperature
RHEF050
7.4
12.7
4.3
5.8
7.6
——
3.0
1.2
——
R8, R13,
0.177
(0.29)
(0.50)
(0.17)
(0.23)
(0.30)
(0.12)
(0.05)
R14
RHEF070
6.9
10.8
4.3
5.8
7.6
——
3.0
1.2
1.24
1.2
R10, R13,
0.259
(0.27)
(0.43)
(0.17)
(0.23)
(0.30)
(0.12)
(0.05)
(0.049)
(0.05)
R14
RHEF100
9.7
13.6
4.3
5.8
7.6
——
3.0
——
R8, R13,
0.312
(0.38)
(0.54)
(0.17)
(0.23)
(0.30)
(0.12)
R14
Part Number
Table R4 Dimensions & Weights for Radial-leaded Devices
Cont’d
A
Min.
Max.
J
Typ.
Figure
B
Min.
Max.
C
Min.
Max.
D
Min.
Max.
E
Min.
Max.
F
Typ.
H
Typ.
Device Mass (g)
(Only for reference)
Dimensions in Millimeters (Inches)


Similar Part No. - RXEF135

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RXEF135 MACOM-RXEF135 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
RXEF135 MACOM-RXEF135 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
RXEF135 MACOM-RXEF135 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
logo
Littelfuse
RXEF135 LITTELFUSE-RXEF135 Datasheet
344Kb / 2P
   PolySwitch PTC Devices
RXEF135-1 LITTELFUSE-RXEF135-1 Datasheet
255Kb / 2P
   PolySwitch PTC Devices
More results

Similar Description - RXEF135

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com