Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3761PF Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB3761PF
Description  VOLTAGE DETECTOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3761PF Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB3761PF Datasheet HTML 1Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 2Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 3Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 4Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 5Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 6Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 7Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 8Page - Fujitsu Component Limited. MB3761PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
MB3761
s
s
s
s
ELECTRICAL CHARACTERISTICS
TA=25
°C, VCC=5V
Parameter
Designator
Conditions
Values
Unit
Min
Typ
Max
Power Supply Voltage
ICCL
VCC=40 V, VIL=1.0 V
-
250
400
µA
ICCH
VCC=40 V, VIH=1.5 V
-
400
600
µA
Threshold Voltage
VTH
IO =2 mA, VO=1 V
1.15
1.20
1.25
V
Deviation of Threshold Volt-
age
VTH1
2.5 V
≤ VCC ≤ 5.5 V
-
3
12
mV
VTH2
4.5 V
≤ VCC ≤ 40 V
-
10
40
mV
Offset Voltage between Out-
puts
VOOSA
IOA= 4.5 mA, VOA=2 V
IHA= 20 mA, VHA=3 V
-
2.0
-
mV
VOSSB
IOB=3 mA, VOB=2 V
IHB=3 mA, VHB=2 V
-
2.0
-
mV
Temperature Coefficient of
Threshold Voltage
α
-20
°C ≤ TA ≤ 70°C
-
±0.05
-
mV/
°C
Difference Voltage on
Threshold Voltage between
Channel
VTHAB
-10
-
-10
mV
Input Current
IIL
VIL=1.0 V
-
5
nA
IIH
VIH=1.5 V
-
100
500
nA
Output Leakage Current
IOH
VO=40 V, VIL=1.0 V
-
-
1
µA
Hysteresis Output Leakage
Current
IHLA
VCC=40 V, VHA=0 V,
VIL=1.0 V
-
-
0.1
µA
IHHB
VHB=40 V, VIH=1.5 V
-
-
1
µA
Output Sink Current
IOLA
VO=1.0 V, VIH=1.5 V
6
12
-
mA
IOLB
VO=1.0 V, VIH=1.5 V
4
10
-
mA
Hysteresis Current
IHHA
VH=0 V, VIH=1.5 V
40
80
-
µA
IHLB
VH=1.0 V,VIL =1.0 V
4
10
-
mA
Output Saturation Voltage
VOLA
IO= 4.5 mA, VIH=1.5 V
-
120
400
mV
VOLB
IO= 3.0 mA, VIH=1.5 V
-
120
400
mV
Hysteresis Saturation
VHHA
IH= 20 µA, VIH=1.5 V
-
50
200
mV
VHLB
IH= 3.0 mA, VIL=1.0 V
-
120
400
mV
Output Delay Time
tPHL
RL=5 K
-
2
-
µs
tPLH
RL=5 K
-
3
-
µs


Similar Part No. - MB3761PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3761PF FUJITSU-MB3761PF Datasheet
177Kb / 15P
   VOLTAGE DETECTOR
MB3761PF-E1 FUJITSU-MB3761PF-E1 Datasheet
177Kb / 15P
   VOLTAGE DETECTOR
More results

Similar Description - MB3761PF

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com