Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMIH14400001153 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # PMIH14400001153
Description  Polarization Maintaining Beam Combiner and Isolator Hybrid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PMIH14400001153 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  PMIH14400001153 Datasheet HTML 1Page - OPLINK Communications Inc. PMIH14400001153 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
PMIH
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
0
0
0
0
4
1
Fiber Type
Port 1/2 : 400µm Panda fiber = 1
Port 1/2 : 250µm Panda fiber = 2
Wavelength
Fiber Length*
Fiber Jacket
1480nm = 1480
1440nm = 1440
0.5 meter = H
1.0 meter = 1
1.5 meters = 5
Bare fiber = 1
900µm Loose tube = 2
Connector Type
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
Polarization Maintaining Beam Combiner
and Isolator Hybrid
PMIH Series
S0162 - R02. 20111108
* 1 meter is standard. The lead-time for special fiber length will
be longer.


Similar Part No. - PMIH14400001153

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PMIHDEP OPLINK-PMIHDEP Datasheet
222Kb / 1P
   Integrated Polarization Beam Combiner Isolator
More results

Similar Description - PMIH14400001153

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMIHDEP OPLINK-PMIHDEP Datasheet
222Kb / 1P
   Integrated Polarization Beam Combiner Isolator
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com