Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62737 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62737
Description  Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62737 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS62737 Datasheet HTML 2Page - Texas Instruments TPS62737 Datasheet HTML 3Page - Texas Instruments TPS62737 Datasheet HTML 4Page - Texas Instruments TPS62737 Datasheet HTML 5Page - Texas Instruments TPS62737 Datasheet HTML 6Page - Texas Instruments TPS62737 Datasheet HTML 7Page - Texas Instruments TPS62737 Datasheet HTML 8Page - Texas Instruments TPS62737 Datasheet HTML 9Page - Texas Instruments TPS62737 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
VOUT_SET
EN1
2
3
4
5
6
13
12
11
10
9
7
8
1
14
OUT
SW
VIN_OK
VSS
NC
SW
VSS
EN2
TPS62736
TPS62737
SLVSBO4B – OCTOBER 2012 – REVISED JULY 2013
www.ti.com
TPS62737 RGY PACKAGE
(TOP VIEW)
PIN DESCRIPTION
PIN
NO.
NAME
I/O Type
Description
1
IN
Input
Input supply to the buck regulator
2, 13
SW
Input
Inductor connection to switching node
3, 12
VSS
Input
Ground connection for the device
4, 14
NC
Input
Connect to VSS
5
EN1
Input
Digital input for chip enable, standby, and ship-mode. EN1 = 1 sets ship mode independent of
EN2. EN1=0, EN2 = 0 disables the buck converter and sets standby mode. EN1=0, EN2=1
6
EN2
Input
enables the buck converter. Do not leave either pin floating.
7
VRDIV
Output
Resistor divider biasing voltage
8
VIN_OK_SET
Input
Resistor divider input for VIN_OK threshold. Pull to VIN to disable. Do not leave pin floating.
9
VOUT_SET
Input
Resistor divider input for VOUT regulation level
10
VIN_OK
Output
Push-pull digital output for power good indicator for the input voltage. Pulled up to VIN pin.
11
OUT
Output
Step down (buck) regulator output
15
Thermal Pad
Input
Connect to VSS
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TPS62736 TPS62737


Similar Part No. - TPS62737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62737 TI-TPS62737 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62737RGYR TI-TPS62737RGYR Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62737RGYT TI-TPS62737RGYT Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
More results

Similar Description - TPS62737

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62736 TI-TPS62736 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Output Voltage Ultra-Low Power Buck Converter with up to 50mA / 200 mA Output Current
TPS62736 TI-TPS62736_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS6273x Programmable Output Voltage Ultra-Low Power Buck Converter With Up to 50 mA / 200 mA Output Current
logo
Maxim Integrated Produc...
MAX17271 MAXIM-MAX17271 Datasheet
1Mb / 13P
   Up to 50mA/75mA/80mA Output Current
Rev 0; 2/18
logo
List of Unclassifed Man...
2B23 ETC1-2B23 Datasheet
29Kb / 1P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Intronics Power, Inc.
2B23 INTRONICS-2B23 Datasheet
841Kb / 4P
   Programmable Output, Isolated Voltage-to-Current Converter
logo
Semtech Corporation
SC190 SEMTECH-SC190 Datasheet
1Mb / 18P
   Synchronous Buck Converter with Programmable Output
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
   Output current up to 100 mA
logo
Texas Instruments
REG710-25 TI-REG710-25_15 Datasheet
1Mb / 32P
[Old version datasheet]   REG710xx Buck-Boost Charge Pump with up to 60-mA Output Current
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
   Buck Converter with controlled Output Current
logo
XP Power Limited
DSF226 XPPOWER-DSF226 Datasheet
90Kb / 2P
   Up to 200 W Output Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com