Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRX12-APD Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SRX12-APD
Description  High Sensitivity OC-12/STM-4 APD Receivers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRX12-APD Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SRX12-APD Datasheet HTML 1Page - OPLINK Communications Inc. SRX12-APD Datasheet HTML 2Page - OPLINK Communications Inc. SRX12-APD Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Oplink Communications, Inc.
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature
“H” option
T
OP
0
+ 70
°C
“I” option
- 40
+ 85
Operating & Storage Humidity
-
-
85
%
Supply Voltage
V
CC
0
+ 6.0
V
Maximum Input Optical Power
P
in, max
-
- 5.0
dBm
Lead Soldering Temperature & Time
-
-
260°C, 10 sec
Absolute Maximum Ratings
High Sensitivity OC-12/STM-4 APD
Receivers
SRX12-APD
The SRX12-APD is a high sensitivity receiver module designed to ex-
ceed the SONET/SDH optical interface requirements at OC-12/STM-4
(622Mb/s) data rate. Highly reliable InGaAs/InP avalanche photodiode
(APD) is used to cover the entire long wavelength range from 1100nm
to 1600nm.
The receivers feature a low noise GaAs transimpedance IC with AGC ca-
pability to provide an extremely wide dynamic range and high sensitiv-
ity. The APD bias voltage is temperature compensated to ensure stable
operation over the entire operating temperature range. A signal detect
function which indicates loss of optical input is provided. A differential
optical power monitor output is also available.
The SRX12-APD receivers require only a single +5V supply. The data in-
terface signals are differential PECL. The signal detect outputs can have
either PECL or TTL interface.
The SRX12-APD receivers can operate over an operating case tempera-
ture range of 0°C to +70°C (“H”option) or -40°C to +85°C (“I”option). The
module is housed in a 24-pin dual-in-line metal package with a single
mode fiber pigtail, which is terminated with ST, FC or SC connector.
Related OC-12/STM-4 transmitters & receivers
STX-12: 20-pin laser transmitter
SRX-12: 20-pin receiver without clock recovery (PECL SIGNAL DETECT)
SRX-12-L: 20-pin receiver without clock recovery (TTL SIGNAL DETECT)
SRC-12-S: 24-pin receiver with clock recovery
Product Description
Exceeds SONET/SDH OC-12/STM-4 Long Reach
Specifications
Optical Power Monitor Outputs
-40°C to +85°C Operating Temperature Option
24-pin DIP Metal Package
ST, FC or SC-connectorized Fiber Pigtail
Differential PECL Data Outputs
Differential PECL or TTL Signal Detect Output
Option
Single +5V Power Supply
Features
R3.2008.04.30


Similar Part No. - SRX12-APD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX12APD-0410 OPLINK-SRX12APD-0410 Datasheet
420Kb / 3P
   High Sensitivity OC-12/STM-4 APD Receivers
logo
Tripp Lite. All Rights ...
SRX12UBFFD TRIPPLITE-SRX12UBFFD Datasheet
182Kb / 4P
   SmartRack 12U IP54 Server-Depth Rack Enclosure Cabinet for Harsh Environments, 230V
More results

Similar Description - SRX12-APD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRX12APD-0410 OPLINK-SRX12APD-0410 Datasheet
420Kb / 3P
   High Sensitivity OC-12/STM-4 APD Receivers
SRX03APD-0420 OPLINK-SRX03APD-0420 Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
SRX03-APD OPLINK-SRX03-APD Datasheet
493Kb / 3P
   High Sensitivity OC-3/STM-1 APD Receivers
logo
Renesas Technology Corp
894D115I-01 RENESAS-894D115I-01 Datasheet
423Kb / 17P
   OC-12/STM-4 and OC-3/STM-1 Clock/Data Recovery Device
Rev C 2/19/15
894D115I-04 RENESAS-894D115I-04 Datasheet
441Kb / 16P
   OC-12/STM-4 AND OC-3/STM-1 Clock/Data Recovery Device
January 27, 2016
logo
OPLINK Communications I...
TRPU12XXXX000E2G OPLINK-TRPU12XXXX000E2G Datasheet
548Kb / 5P
   Multi-Rate OC-12/STM-4 SFP Transceivers
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
logo
Finisar Corporation.
FTLF1322F2GTR FINISAR-FTLF1322F2GTR Datasheet
216Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322F2XTR FINISAR-FTLF1322F2XTR Datasheet
240Kb / 10P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x5 SFF Transceiver
FTLF1322S2GTR FINISAR-FTLF1322S2GTR Datasheet
248Kb / 11P
   OC-12 SR-1/STM I-4 or OC-12 IR-1/STM S-4.1 2x10 SFF Transceiver
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com