Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC803XR1H000PD Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SRC803XR1H000PD
Description  Receiver with Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRC803XR1H000PD Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SRC803XR1H000PD Datasheet HTML 1Page - OPLINK Communications Inc. SRC803XR1H000PD Datasheet HTML 2Page - OPLINK Communications Inc. SRC803XR1H000PD Datasheet HTML 3Page - OPLINK Communications Inc. SRC803XR1H000PD Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oplink Communications, Inc.
Interface Circuit
SIGNAL
DETECT+
SIGNAL
DETECT -
1 µH coil or
ferrite inductor
For single supply operation,
pin 10 is grounded.
14
10 (VPD)
1, 13, 20
6, 8, 15
12
11
(TTL LEVELS)
7
9
4
5
130
82
10
0.01
RESISTOR VALUES ARE IN OHM, CAPACITOR VALUES ARE IN µF UNLESS OTHERWISE INDICATED
130
130
82
82
(PECL LEVELS)
(PECL LEVELS)
DATA+
CLOCK+
DATA-
CLOCK-
130
82
- 5 volt
+5 volt
10
10
0.01
+
1 µH coil or
ferrite inductor
10
0.1
SRC-03
Receiver Performance Characteristics (Over Operating Case Temperature)
SRC03 Series
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
155
155.52
156
Mb/s
Receiver Sensitivity (10-10 BER) 1
P
min
- 34.0
- 36.0
-
dBm
Maximum Input Optical
Power (10-10 BER) 1
Single Supply
P
max
- 6.0
0
-
dBm
Dual Supply
- 3.0
0
-
Signal Detect Thresholds
Increasing Light Input
P
sd+
-
-
- 34.0
dBm
Decreasing Light Input
P
sd-
- 45.0
-
-
dBm
Signal Detect Hysteresis
-
0.5
-
dB
Wavelength of Operation
λ
1100
-
1600
nm
Output Clock Jitter
CLK
J
-
-
0.01
UIrms
Jitter Tolerance & Transfer Function
compliant with ITU Recommendation G.958
1
Specified in Average Optical Input Power and measured at 1300 nm wavelength with 223-1 PRBS.
Receiver Electrical Interface (Over Operating Case Temperature)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage 1
V
CC
4.75
5.0
5.5
V
V
PD
- 10.0
- 5.0
- 2.0
V
Supply Current
I
CC
-
85
120
mA
Output HIGH Voltage (DATA & CLOCK)
V
OH
V
CC - 1.20
-
V
CC - 0.70
V
Output LOW Voltage (DATA & CLOCK)
V
OL
V
CC - 2.0
-
V
CC - 1.70
V
Output HIGH Voltage (SIGNAL DETECT)
V
OH
2.7
-
V
CC
V
Output LOW Voltage (SIGNAL DETECT)
V
OL
0
-
0.5
V
1
For +5V & - 5V dual supply: V
CC = +5V, CASE = GND = 0V and VPD = - 5V.
V
PD is the photodiode supply voltage only. IVPD can be used for monitoring the signal photocurrent.
For +5V single supply: V
CC = +5V, VPD = CASE = GND = 0V.
2
R5.2008.06.18


Similar Part No. - SRC803XR1H000PD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC812XR1H000C1 OPLINK-SRC812XR1H000C1 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000C2 OPLINK-SRC812XR1H000C2 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000C3 OPLINK-SRC812XR1H000C3 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000P1 OPLINK-SRC812XR1H000P1 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC812XR1H000P2 OPLINK-SRC812XR1H000P2 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
More results

Similar Description - SRC803XR1H000PD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC48 OPLINK-SRC48 Datasheet
762Kb / 4P
   Receiver with Clock Recovery
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
   Receiver without Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com