Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3056-ZJ Datasheet(PDF) 4 Page - NEC

Part # 2SK3056-ZJ
Description  SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3056-ZJ Datasheet(HTML) 4 Page - NEC

  2SK3056-ZJ Datasheet HTML 1Page - NEC 2SK3056-ZJ Datasheet HTML 2Page - NEC 2SK3056-ZJ Datasheet HTML 3Page - NEC 2SK3056-ZJ Datasheet HTML 4Page - NEC 2SK3056-ZJ Datasheet HTML 5Page - NEC 2SK3056-ZJ Datasheet HTML 6Page - NEC 2SK3056-ZJ Datasheet HTML 7Page - NEC 2SK3056-ZJ Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13095EJ1V0DS00
4
2SK3056
TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
10
DRAIN TO SOURCE ON-STATE
RESISTANCE vs. DRAIN CURRENT
GATE TO SOURCE CUTOFF VOLTAGE vs.
CHANNEL TEMPERATURE
ID - Drain Current - A
25
0.1
10
10
0.01
0.1
1
100
1 000
1 m
10 m
100 m
1
10
100
1 000
VDS =10 V
Pulsed
0.1
1
10
100
10
100
25
75
20
Pulsed
50
75
100
1000
Pulsed
Single Pulse
0
0.5
VDS = 10 V
ID = 1 mA
1.0
1.5
2.0
−50
0
50
100
150
0
Rth(ch-A) = 83.3 ˚C/W
VGS = 10 V
0.1
1.0
50
VGS = 4 V
TC = 25˚C
10
100
Rth(ch-C) = 3.68 ˚C/W
Tch - Channel Temperature - ˚C
ID = 16 A
TA = 125˚C
75˚C
25˚C
−25˚C
µµ


Similar Part No. - 2SK3056-ZJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3056-ZJ RENESAS-2SK3056-ZJ Datasheet
243Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
More results

Similar Description - 2SK3056-ZJ

ManufacturerPart #DatasheetDescription
logo
NEC
NP34N055HHE NEC-NP34N055HHE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
NP32N055HLE NEC-NP32N055HLE Datasheet
68Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK1851 NEC-2SK1851 Datasheet
356Kb / 6P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1708 NEC-UPA1708 Datasheet
59Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1709 NEC-UPA1709 Datasheet
79Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1720 NEC-UPA1720 Datasheet
66Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1726 NEC-UPA1726 Datasheet
58Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2361 NEC-2SK2361 Datasheet
114Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2410 NEC-2SK2410 Datasheet
113Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2415 NEC-2SK2415 Datasheet
83Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
2SK2476 NEC-2SK2476 Datasheet
117Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com