Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHEF100 Datasheet(PDF) 2 Page - Tyco Electronics

Part # RHEF100
Description  PolySwitch Resettable Devices
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RHEF100 Datasheet(HTML) 2 Page - Tyco Electronics

  RHEF100 Datasheet HTML 1Page - Tyco Electronics RHEF100 Datasheet HTML 2Page - Tyco Electronics RHEF100 Datasheet HTML 3Page - Tyco Electronics RHEF100 Datasheet HTML 4Page - Tyco Electronics RHEF100 Datasheet HTML 5Page - Tyco Electronics RHEF100 Datasheet HTML 6Page - Tyco Electronics RHEF100 Datasheet HTML 7Page - Tyco Electronics RHEF100 Datasheet HTML 8Page - Tyco Electronics RHEF100 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
136
RoHS Compliant, ELV Compliant
12
Application Selection Guide for Radial-leaded Devices
Hold Current (A)
0.050
——
9.20
——
——
0.100
——
3.50
——
——
0.170
——
4.30
——
——
0.200
2.290
——
——
0.250
1.600
——
——
0.300
1.110
——
——
0.400
0.710
——
——
0.500
0.640
0.425
——
0.68
——
0.550
1.05
——
——
0.650
0.400
0.350
——
——
0.700
——
0.42
——
0.750
0.325
0.295
——
0.140
0.900
0.255
0.255
0.095
——
0.100
1.000
——
0.24
——
1.100
0.200
0.225
0.075
——
0.075
1.200
——
0.080
1.350
0.155
0.165
0.060
——
0.060
1.550
——
0.058
1.600
0.115
0.150
0.050
——
0.050
1.850
0.100
0.106
0.045
——
0.045
1.900
——
——
Voltage Rating
BBRF
99V
RXEF
72V
RXEF
60V
RUEF
30V
RGEF
16V
RHEF
16V
RHEF
30V
RUSBF
16V
RUSBF
6V
RKEF
60V
Electromagnetic loads
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Halogen lighting
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Lighting ballast
RXEF (<72V), BBRF (<99V)
Loudspeakers
RXEF (<72V)
RXEF (<72V), RKEF(<60V)
Medical equipment
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
MOSFET devices
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Motors, fans and blowers
RXEF (<72V), RGEF (<16V)
RHEF (<16V)
POS equipment
RXEF (<72V), RUEF (<30V)
Process and industrial controls
RXEF (<72V), RUEF (<30V)
Satellite video receivers
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Security and fire alarm systems
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Test and measurement equipment
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Transformers
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
DDC computer and consumer electronics
RUEF (<30V)
Mouse and keyboard
RUEF (<30V)
SCSI
RUEF (<30V)
USB
RUSBF (<16V)
Traces and printed circuit board protection
RGEF (<16V), RUEF (<30V)
RHEF (<16V)
RXEF (<72V), RKEF(<60V)
Note : This list is not exhaustive. TE Circuit Protection welcomes customer's input for additional application ideas for PolySwitch resettable devices.
Protection Application
PolySwitch Resettable Devices — Key Selection Criteria
Flatter
Lower Current
Small Size
Derating
Higher Voltage
The guide below lists PolySwitch radial-leaded devices that are typically used in these applications.
Specifications for the suggested device part numbers can be found in this section.
Once a part number has been selected, the user should evaluate and test each product for its intended application.
Table R1
Product Series - Current Rating, Voltage Rating / Typical Resistance for
Radial-leaded Devices


Similar Part No. - RHEF100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RHEF100 MACOM-RHEF100 Datasheet
570Kb / 18P
   PolySwitch??Resettable Device Short Form Catalog
RHEF100 MACOM-RHEF100 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
RHEF100 MACOM-RHEF100 Datasheet
329Kb / 28P
   PolySwitch Resettable Devices Radial-leaded Devices
logo
Littelfuse
RHEF100 LITTELFUSE-RHEF100 Datasheet
340Kb / 2P
   Overcurrent Protection Device
logo
Tyco Electronics
RHEF100-2 MACOM-RHEF100-2 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - RHEF100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
LTP190SS MACOM-LTP190SS Datasheet
218Kb / 16P
   PolySwitch Resettable Devices Strap Battery Devices
NANOSMDC200F-2 MACOM-NANOSMDC200F-2 Datasheet
283Kb / 20P
   PolySwitch Resettable Devices Surface-mount Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com