Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS7A6133-Q1 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS7A6133-Q1
Description  300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A6133-Q1 Datasheet(HTML) 3 Page - Texas Instruments

  TPS7A6133-Q1 Datasheet HTML 1Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 2Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 3Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 4Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 5Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 6Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 7Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 8Page - Texas Instruments TPS7A6133-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS7A6033-Q1, TPS7A6050-Q1
TPS7A6133-Q1, TPS7A6150-Q1
www.ti.com
SLVSA62G – MARCH 2010 – REVISED MARCH 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
NO.
DESCRIPTION
VALUE
UNIT
VIN,
1.1
Unregulated inputs(2)(3)
45
V
VEN
1.2
VOUT
Regulated output
7
V
1.3
nRST
Open drain reset output(2)
7
V
1.4
RDELAY
Output to charge an external cpacitor(2)
7
V
Thermal impedance junction to exposed pad KTT (D2PAK) package
1.3
°C/W
1.5
θJP
Thermal impedance junction to exposed pad KVU (DPAK) package
1.1
°C/W
Thermal impedance junction to ambient KTT (D2PAK) package(4)
30.2
°C/W
1.6
θJA
Thermal impedance junction to ambient KVU (DPAK) package(4)
29.3
°C/W
Thermal impedance junction to ambient KTT (D2PAK) package (5)
34.4
°C/W
1.7
θJA
Thermal impedance junction to ambient KVU (DPAK) package(5)
38.6
°C/W
1.8
ESD
Electrostatic discharge(6)
2
kV
1.9
TOP
Operating ambient temperature
125
°C
1.10
TS
Storage temperature range
-65 to +150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to GND.
(2)
Absolute negative voltage on these pins not to go below –0.3V.
(3)
Absolute maximum voltage for duration less than 480ms.
(4)
The thermal data is based on JEDEC standard high K profile – JESD 51-5. The copper pad is soldered to the thermal land pattern. Also
correct attachment procedure needs to be incorporated.
(5)
The thermal data is based on JEDEC standard low K profile – JESD 51-3. The copper pad is soldered to the thermal land pattern. Also
correct attachment procedure needs to be incorporated.
(6)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
DISSIPATION RATINGS
TA < 25°C POWER
DERATING FACTOR
TA = 85°C POWER
NO.
JEDEC STANDARD
PACKAGE
RATING (W)
ABOVE TA = 25°C (°C/W)
RATING (W)
2.1
5 pin KTT
3.63
34.4
1.89
JEDEC Standard PCB -
low K, JESD 51-3
2.2
5 pin KVU
3.24
38.6
1.68
2.3
5 pin KTT
4.14
30.2
2.15
JEDEC Standard PCB -
high K, JESD 51-5
2.4
5 pin KVU
4.27
29.3
2.22
RECOMMENDED OPERATING CONDITIONS
NO.
DESCRIPTION
MIN
MAX
UNIT
3.1
VIN, VEN
(1)
Unregulated input voltage
4
40
V
nRST,
3.2
Low voltage input/output
0
5.25
V
RDELAY(2)
3.3
TJ
Operating junction temperature range
-40
150
°C
(1)
Applicable for TPS7A61xx only.
(2)
Applicable for TPS7A60xx only.
ELECTRICAL CHARACTERISTICS
VIN = 14V, TJ = -40ºC to 150ºC (unless otherwise noted)
NO.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
4. Input Voltage (VIN pin)
Fixed 5V output, IOUT = 1mA
5.3
40
4.1
VIN
Input voltage
V
Fixed 3.3V output, IOUT = 1mA
4
40
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS7A6033-Q1 TPS7A6050-Q1


Similar Part No. - TPS7A6133-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6133QKVURQ1 TI1-TPS7A6133QKVURQ1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6133QKVURQ1 TI1-TPS7A6133QKVURQ1 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results

Similar Description - TPS7A6133-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS7A6201-Q1 TI-TPS7A6201-Q1_15 Datasheet
695Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1_14 Datasheet
728Kb / 21P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1 Datasheet
813Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6550-Q1 TI-TPS7A6550-Q1_15 Datasheet
989Kb / 18P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6033-Q1 TI1-TPS7A6033-Q1 Datasheet
929Kb / 25P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6201-Q1 TI1-TPS7A6201-Q1 Datasheet
728Kb / 20P
[Old version datasheet]   300-mA 40-V LOW-DROPOUT REGULATOR WITH 25-關A QUIESCENT CURRENT
TPS7A6533-Q1 TI1-TPS7A6533-Q1_17 Datasheet
1Mb / 26P
[Old version datasheet]   300-mA, 40-V, Low-Dropout Regulator With 25-UA Quiescent Current
logo
STMicroelectronics
ST732 STMICROELECTRONICS-ST732 Datasheet
721Kb / 21P
   300 mA, 28 V low-dropout voltage regulator, with 5 關A quiescent current
Rev 3 - April 2021
logo
ON Semiconductor
NCP717 ONSEMI-NCP717 Datasheet
549Kb / 16P
   300 mA, Very-Low Quiescent Current, IQ 25 A, Low Noise, Low Dropout Regulator
February, 2015 ??Rev. 7
logo
Texas Instruments
TPS7A6033-Q1 TI1-TPS7A6033-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   300-mA, 40-V Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com