Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMIH14800001214 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PMIH14800001214
Description  Polarization Maintaining Beam Combiner and Isolator Hybrid
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PMIH14800001214 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PMIH14800001214 Datasheet HTML 1Page - OPLINK Communications Inc. PMIH14800001214 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
Applications
Performance Specificationns
PMIH Series
Specification
Unit
Operating Wavelength
1480 ± 30 / 1440 ± 30
nm
Insertion Loss
< 0.6
dB
Isolation
> 18
dB
Extinction Ratio (room temperature)
> 20
dB
Return Loss
> 50
dB
Directivity
> 50
dB
Direction of Incident Polarization
Slow Axis
Maximun Power Handling
< 500
mW
Fiber Type
Input Ports (1 & 2)
400µm / 250µm Panda fiber
Output Port (Common)
Corning SMF-28, 250µm bare fiber
Operating Temperature
0
+70
°C
Storage Temperature
-40
+85
°C
Package Dimension
P1 : (Ø) 5.5±0.2 x (L) 34.0±1
mm
Notes
[1]
Values are referenced without connector loss
[2]
ER is 3dB lower if connector added
34.0 mm
PORT2
Panda Fiber
PORT1
Panda Fiber
3
1
Ø5.5 mm
COMM SMF-28
2
S0162 - R02. 20111108
Polarization Maintaining Beam
Combiner and Isolator Hybrid
PMIH Series
Oplink’s polarization maintaining beam combiner and isolator hybrid deliv-
ers the combined functionality of a PMBC and an isolator within a single,
compact-sized package. Oplink’s integrated solution is designed to work as
pump combiner for EDFA and Raman amplifications and features very high
power handling and low insertion loss. Oplink’s patented packaging tech-
nology ensures the highest quality and reliability for robust operation.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other compo-
nents to form a full function module or subsystem.
Low Insertion Loss
High Stability & Reliability
Epoxy-free Optical Path
Compact Package Size
EDFA & Raman Amplifiers
Highly Integrated Modules
Laboratory R&D


Similar Part No. - PMIH14800001214

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PMIHDEP OPLINK-PMIHDEP Datasheet
222Kb / 1P
   Integrated Polarization Beam Combiner Isolator
More results

Similar Description - PMIH14800001214

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMIH-S0162 OPLINK-PMIH-S0162 Datasheet
182Kb / 2P
   Polarization Maintaining Beam Combiner and Isolator Hybrid
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMIHDEP OPLINK-PMIHDEP Datasheet
222Kb / 1P
   Integrated Polarization Beam Combiner Isolator
PBOC-S0060 OPLINK-PBOC-S0060 Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter/Optical Circulator Hybrid
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com