Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRC848XR1I000P3 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part # SRC848XR1I000P3
Description  Receiver with Clock Recovery
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SRC848XR1I000P3 Datasheet(HTML) 2 Page - OPLINK Communications Inc.

  SRC848XR1I000P3 Datasheet HTML 1Page - OPLINK Communications Inc. SRC848XR1I000P3 Datasheet HTML 2Page - OPLINK Communications Inc. SRC848XR1I000P3 Datasheet HTML 3Page - OPLINK Communications Inc. SRC848XR1I000P3 Datasheet HTML 4Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Oplink Communications, Inc.
50 ohm line
to 50 ohm load
to 50 ohm load
to 50 ohm load
to 50 ohm load
50 ohm line
SRC-48
6
2,4,7,8,11,12
17,18,19,20
0.022
5
DATA+
23,24
0.022
CLK+
SD+
+
(<0.1 ohm series resistance)
10
0.01
50 ohm line
50 ohm line
10
0.001
9
0.001
DATA-
CLK-
13,14
15,16
0.01
3
+5V
+
100
+
100
21
SD -
22
1
NO CONNECTION
3 Kohm
+
10
0.01
+5V
1 µH coil or ferrite bead
Interface Circuit
Receiver Performance Characteristics
SRC48
(Over Operating Case Temperature.)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
2.48832
- 500 ppm
2.48832
2.48832
+ 500 ppm
Gb/s
Receiver Sensitivity
(10-10 BER) 1
Short & Intermediate Reach
P
min
- 20.0
- 24.0
-
dBm
Long Reach
- 28.0
- 31.0
-
Maximum Input Optical
Power (10-10 BER) 1
Short Reach (SR)
P
max
- 3.0
- 1.0
-
dBm
Intermediate Reach (IR)
0
2.0
-
Long Reach (LR)
- 8.0
-
- 6.0
Signal Detect Thresholds
SR & IR
Increasing Light Input
P
sd+
-
-
- 20.0
dBm
Decreasing Light Input
P
sd-
- 35.0
-
-
LR
Increasing Light Input
P
sd+
-
-
- 28.0
dBm
Decreasing Light Input
P
sd-
- 42.0
-
-
Signal Detect Hysteresis
-
0.5
1.0
-
dB
Optical Power
Monitor Current
LR (P
in from -28 dBm to -17 dBm)
I
PM
-
6
-
µA/µW
IR & SR (P
in from -20 dBm to 0 dBm)
-
0.8
-
Wavelength of Operation
λ
1100
-
1600
nm
Clock Sampling Point
T
CSP
150
200
250
ps
Output Clock Jitter
CLK
J
-
-
0.01
UIrms
Jitter Tolerance & Transfer Function
compliant with ITU Recommendation G.958
1
Specified in Average Optical Input Power and measured at 2.48832 Gb/s and 1300 nm or 1550 nm wavelength with 223-1 PRBS.
Receiver Electrical Interface
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage
V
CCA’ VCCD
4.75
5.0
5.25
V
Supply Current
SR & IR
I
-
425
525
mA
LR
-
465
565
Output Voltage Swing 1
DATA
V
PP
0.4
0.75
0.95
V
CLOCK
0.35
0.45
0.95
Output HIGH Voltage (SIGNAL DETECT)
V
OH
2.7
-
V
CCD
V
Output LOW Voltage (SIGNAL DETECT)
V
OL
0
-
0.50
V
1
AC-coupled into 50 ohm load
2
R3.2009.04.30


Similar Part No. - SRC848XR1I000P3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC803XR1H000P4 OPLINK-SRC803XR1H000P4 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000P5 OPLINK-SRC803XR1H000P5 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PA OPLINK-SRC803XR1H000PA Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PB OPLINK-SRC803XR1H000PB Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRC803XR1H000PC OPLINK-SRC803XR1H000PC Datasheet
660Kb / 4P
   Receiver with Clock Recovery
More results

Similar Description - SRC848XR1I000P3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SRC12 OPLINK-SRC12 Datasheet
621Kb / 4P
   Receiver with Clock Recovery
SRC03 OPLINK-SRC03 Datasheet
660Kb / 4P
   Receiver with Clock Recovery
SRX48 OPLINK-SRX48 Datasheet
665Kb / 4P
   Receiver without Clock Recovery
SRC03-0401 OPLINK-SRC03-0401 Datasheet
660Kb / 4P
   OC-3/STM-1 Receiver with Clock Recovery
SRC12-0403 OPLINK-SRC12-0403 Datasheet
621Kb / 4P
   OC-12/STM-4 Receiver with Clock Recovery
SRC48-0413 OPLINK-SRC48-0413 Datasheet
762Kb / 4P
   OC-48/STM-16 Receiver with Clock Recovery
logo
Agilent(Hewlett-Packard...
RGR1551 HP-RGR1551 Datasheet
101Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Agilent(Hewlett-Packard...
RGR2622 HP-RGR2622 Datasheet
102Kb / 6P
   Fiber Optic ?쏬ight to Logic??Receiver with Clock Recovery
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com