Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV62150 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLV62150
Description  4-17V 1A Step-Down Converter with DCS-Control
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV62150 Datasheet(HTML) 4 Page - Texas Instruments

  TLV62150 Datasheet HTML 1Page - Texas Instruments TLV62150 Datasheet HTML 2Page - Texas Instruments TLV62150 Datasheet HTML 3Page - Texas Instruments TLV62150 Datasheet HTML 4Page - Texas Instruments TLV62150 Datasheet HTML 5Page - Texas Instruments TLV62150 Datasheet HTML 6Page - Texas Instruments TLV62150 Datasheet HTML 7Page - Texas Instruments TLV62150 Datasheet HTML 8Page - Texas Instruments TLV62150 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
3
Exposed
Thermal Pad
9
10
11
12
8
7
6
5
4
2
1
16
15
14
13
PVIN
PVIN
AVIN
SS/TR
SW
SW
SW
PG
TLV62150, TLV62150A
SLVSB71B – FEBRUARY 2012 – REVISED JUNE 2013
www.ti.com
DEVICE INFORMATION
RGT PACKAGE
(TOP VIEW)
Terminal Functions
PIN(1)
I/O
DESCRIPTION
NAME
NO.
SW
1,2,3
O
Switch node, which is connected to the internal MOSFET switches. Connect inductor between SW and
output capacitor.
PG
4
O
Output power good (High = VOUT ready, Low = VOUT below nominal regulation) ; open drain (requires
pull-up resistor; goes high impedance, when device is switched off)
FB
5
I
Voltage feedback. Connect resistive voltage divider to this pin.
AGND
6
Analog Ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
FSW
7
I
Switching Frequency Select (Low
≈ 2.5MHz, High ≈ 1.25MHz(2) for typical operation)(3)
DEF
8
I
Output Voltage Scaling (Low = nominal, High = nominal + 5%)(3)
Soft-Start / Tracking Pin. An external capacitor connected to this pin sets the internal voltage reference rise
SS/TR
9
I
time. It can be used for tracking and sequencing.
AVIN
10
I
Supply voltage for control circuitry. Connect to same source as PVIN.
PVIN
11,12
I
Supply voltage for power stage. Connect to same source as AVIN.
EN
13
I
Enable input (High = enabled, Low = disabled)(3)
VOS
14
I
Output voltage sense pin and connection for the control loop circuitry.
PGND
15,16
Power ground. Must be connected directly to the Exposed Thermal Pad and common ground plane.
Exposed
Must be connected to AGND (pin 6), PGND (pin 15,16) and common ground plane(4). Must be soldered to
Thermal Pad
achieve appropriate power dissipation and mechanical reliability.
(1)
For more information about connecting pins, see DETAILED DESCRIPTION and APPLICATION INFORMATION sections.
(2)
Connect FSW to VOUT or PG in this case.
(3)
An internal pull-down resistor keeps logic level low, if pin is floating.
(4)
See Figure 38.
4
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: TLV62150 TLV62150A


Similar Part No. - TLV62150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TLV62150 TI-TLV62150 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150A TI-TLV62150A Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150A TI-TLV62150A Datasheet
1Mb / 38P
[Old version datasheet]   TLV62150x 4-V to 17-V 1-A Step-Down Converter With DCS-Control?
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
More results

Similar Description - TLV62150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV62150ARGTR TI-TLV62150ARGTR Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control
TLV62150 TI1-TLV62150 Datasheet
1Mb / 31P
[Old version datasheet]   4-17V 1A Step-Down Converter with DCS-Control?
TLV62130ARGTR TI-TLV62130ARGTR Datasheet
1Mb / 35P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-Control
TLV62130 TI-TLV62130_13 Datasheet
1Mb / 34P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TLV62130 TI1-TLV62130 Datasheet
1Mb / 32P
[Old version datasheet]   4-17V 3A Step-Down Converter with DCS-ControlTM
TPS62160 TI1-TPS62160 Datasheet
1Mb / 34P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62160 TI1-TPS62160_14 Datasheet
1Mb / 35P
[Old version datasheet]   3V-17V 1A Step-Down Converters with DCS-ControlTM
TPS62170 TI1-TPS62170 Datasheet
1Mb / 33P
[Old version datasheet]   3-17V 0.5A Step-Down Converter with DCS-ControlTM
TLV62095 TI1-TLV62095 Datasheet
1Mb / 26P
[Old version datasheet]   4-A High Efficiency Step Down Converter with DCS-Control
logo
Taiwan Memory Technolog...
T8302 TMT-T8302 Datasheet
124Kb / 12P
   PWM Control 1A Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com