Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP38856 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP38856 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38856 Datasheet HTML 7Page - Texas Instruments LP38856 Datasheet HTML 8Page - Texas Instruments LP38856 Datasheet HTML 9Page - Texas Instruments LP38856 Datasheet HTML 10Page - Texas Instruments LP38856 Datasheet HTML 11Page - Texas Instruments LP38856 Datasheet HTML 12Page - Texas Instruments LP38856 Datasheet HTML 13Page - Texas Instruments LP38856 Datasheet HTML 14Page - Texas Instruments LP38856 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
THA d TJA - (TCH + TJC)
d
'
TJ
PD
TJA
'TJ = TJ(MAX) - TA(MAX)
LP38856
www.ti.com
SNVS336D – JUNE 2006 – REVISED OCTOBER 2011
POWER DISSIPATION AND HEAT-SINKING
A heat-sink may be required depending on the maximum power dissipation and maximum ambient temperature
of the application. Under all possible conditions, the junction temperature must be within the range specified
under operating conditions.
The total power dissipation of the device is the sum of three different points of dissipation in the device.
The first part is the power that is dissipated in the NMOS pass element, and can be determined with the formula:
PD(PASS) = (VIN - VOUT) × IOUT
(1)
The second part is the power that is dissipated in the bias and control circuitry, and can be determined with the
formula:
PD(BIAS) = VBIAS × IGND(BIAS)
where
IGND(BIAS) is the portion of the operating ground current of the device that is related to VBIAS.
(2)
The third part is the power that is dissipated in portions of the output stage circuitry, and can be determined with
the formula:
PD(IN) = VIN × IGND(IN)
where
IGND(IN) is the portion of the operating ground current of the device that is related to VIN.
(3)
The total power dissipation is then:
PD = PD(PASS) + PD(BIAS) + PD(IN)
(4)
The maximum allowable junction temperature rise (
ΔTJ) depends on the maximum anticipated ambient
temperature (TA(MAX)) for the application, and the maximum allowable operating junction temperature (TJ(MAX)):
(5)
The maximum allowable value for junction to ambient Thermal Resistance,
θJA, can be calculated using the
formula:
(6)
The LP38856 is available in TO-220 and DDPAK/TO-263 packages. The thermal resistance in the application
depends on amount of copper area or heat-sink, and on air flow. If the maximum allowable value of
θJA
calculated above is
≥ 60 °C/W for TO-220 package and ≥ 60 °C/W for DDPAK/TO-263 package no heat-sink is
needed since the package alone can dissipate enough heat to satisfy these requirements. If the value needed for
allowable
θJA falls below these limits, a heat-sink is required.
Heat-Sinking The TO-220 Package
The TO-220 package has a
θJA rating of 60°C/W, and a θJC rating of 3°C/W. These ratings are for the package
only, no additional heat-sinking, and with no airflow.
The thermal resistance of a TO-220 package can be reduced by attaching it to a heat-sink or a copper plane on
a PC board. If a copper plane is to be used, the values of
θJA will be same as shown in next section for
DDPAK/TO-263 package.
The heat-sink to be used in the application should have a heat-sink to ambient thermal resistance,
θHA:
where
θJA is the required total thermal resistance from the junction to the ambient air
θCH is the thermal resistance from the case to the surface of the heat sink
θJC is the thermal resistance from the junction to the surface of the case.
(7)
For this equation,
θJC is about 3°C/W for a TO-220 package. The value for θCH depends on method of
attachment, insulator, etc.
θCH varies between 1.5°C/W to 2.5°C/W. Consult the heat-sink manufacturer
datasheet for details and recommendations.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38856


Similar Part No. - LP38856

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856 TI-LP38856 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
National Semiconductor ...
LP38856S-0.8 NSC-LP38856S-0.8 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38856S-0.8/NOPB TI-LP38856S-0.8/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
National Semiconductor ...
LP38856S-1.2 NSC-LP38856S-1.2 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
More results

Similar Description - LP38856

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP38856 TI-LP38856_15 Datasheet
2Mb / 24P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
logo
National Semiconductor ...
LP38856 NSC-LP38856 Datasheet
835Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38855 NSC-LP38855 Datasheet
359Kb / 14P
   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
logo
Texas Instruments
LP38855 TI-LP38855_15 Datasheet
2Mb / 20P
[Old version datasheet]   1.5A Fast-Response High-Accuracy LDO Linear Regulator with Enable
LP38853 TI1-LP38853_14 Datasheet
1Mb / 27P
[Old version datasheet]   3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38859 TI-LP38859_15 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator With Soft Start
logo
National Semiconductor ...
LP38859 NSC-LP38859 Datasheet
851Kb / 14P
   3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
logo
Texas Instruments
LP38859 TI1-LP38859_14 Datasheet
2Mb / 21P
[Old version datasheet]   3A Fast-Response High-Accuracy LDO Linear Regulator with Soft-Start
LP38853 TI-LP38853 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
LP38853 TI-LP38853_15 Datasheet
1Mb / 28P
[Old version datasheet]   LP38853 3A Fast-Response High-Accuracy Adjustable LDO Linear Regulator with Enable and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com