Selected language     English  ▼


STX448DS4I000P1 Datasheet(PDF) 2 Page - OPLINK Communications Inc.

Part No. STX448DS4I000P1
Description  Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPLINK [OPLINK Communications Inc.]
Homepage  http://www.oplink.com
Logo 

   
 2 page
background image
Oplink Communications, Inc.
Transmitter Performance Characteristics
STX48 Series
(Over Operating Case Temperature.)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Data Rate
B
0.05
2.5
3.0
Gb/s
Average Optical Output Power (50% duty cycle)
P
O
- 10.0
- 7.0
- 3.0
dBm
- 5.0
- 3.0
0
- 2.0
0
3.0
Extinction Ratio
Phi /Plo
8.2
-
-
dB
Center Wavelength
Short Reach (SR)
λ
C
1266
1310
1360
nm
Intermediate Reach (IR)
1266
1310
1360
Long Reach (LR) 1310 nm
1280
1310
1335
Long Reach (LR) 1550 nm
1500
1550
1580
Spectral Width (RMS)
Short Reach
ΔλRMS
-
-
4.0
nm
Spectral Width (-20 dB)
Intermediate Reach & Long Reach
Δλ20
-
-
1.0
Side Mode Suppression
Ratio
Intermediate Reach & Long Reach
SMSR
30
-
-
dB
Transmitter Output Eye
Compliant with Bellcore TR-NWT-000253 and ITU-T Recommendation G.957
Receiver Electrical Interface
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply Voltage 1
V
CC - VEE
4.75
5.0
5.25
V
Supply Current
I
-
200
300
mA
Input HIGH Voltage (DATA & CLOCK, PECL)
V
IH
V
CC - 1.165
-
V
CC - 0.880
V
Input LOW Voltage (DATA & CLOCK, PECL)
V
IL
V
CC - 1.810
-
V
CC - 1.475
V
Input Voltage (DATA & CLOCK, PECL)
V
IN
0.30
0.80
1.00
Vp-p
Input DATA & CLOCK timing
T
DC
200
-
300
ps
MODE SELECTOR
Input Voltage
Clocked
V
MSCK
V
EE
-
V
EE + 1.5
V
Non-Clocked
V
MSNCK
V
CC - 1.5
-
V
CC
V
Transmitter Disable Voltage
V
DIS
V
CC - 2.0
-
V
CC
V
Transmitter Enable Voltage
V
EN
V
EE
-
V
EE + 0.6
V
LD Bias Alarm
Output Voltage
HIGH Voltage
V
ALMH
V
CC
-
V
EE VCC
V
LOS Voltage
V
ALML
V
EE - 1.0
-
V
EE + 0.5
V
Differential Bias
Monitor Voltage
at 25
V
BM, DIF
-
100
200
mV
Decreasing Light Input
-
300
500
Differential Back Facet Monitor Voltage
V
FM,DIF
10
100
250
mV
1
For +5V single supply modules, connect VCC to +5V and VEE to 0V or GND (circuit ground). The package housing is internally connected to VEE.
For - 5V single supply modules, connect VCC to 0V or GND (circuit ground) and VEE to - 5V. The package housing is internally connected to VCC.
2
R04.2008.04.30
Related OC-48/STM-16 Transceiver & Receiver Modules
SRX-48
: Receiver without Clock Recovery (24-pin DIP)
SRC-48
: Receiver with Clock Recovery (24-pin DIP)
DTR-2488-SM
: Transceiver without Clock Recovery (industry standard 1x9 package)
DTR-2488-SM2
: Transceiver without Clock Recovery (industry standard 2x9 package)
DTC-48
: Transceiver with Clock Recovery (industry standard 2x9 package)




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl