Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWFA5118P0022H1 Datasheet(PDF) 3 Page - OPLINK Communications Inc.

Part # SWFA5118P0022H1
Description  Single Window Fixed In-line Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFA5118P0022H1 Datasheet(HTML) 3 Page - OPLINK Communications Inc.

  SWFA5118P0022H1 Datasheet HTML 1Page - OPLINK Communications Inc. SWFA5118P0022H1 Datasheet HTML 2Page - OPLINK Communications Inc. SWFA5118P0022H1 Datasheet HTML 3Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules
S0101 - R02. (web) 20120710
SWFA Series
Single Window Fixed In-line Attenuators
(1310, S, C, L and C+L Band)
Ordering Information
Oplink can provide a remarkable range of customized optical solutions. For detail, please contact Oplink’s OEM
design team or account manager for your requirements and ordering information (510) 933-7200.
* The tolerance of fiber length is +/-0.1m.
* 1 meter is standard. The lead time for special fiber length will be longer.
20dB = 20
18dB = 18
17dB = 17
15dB = 15
13dB = 13
11dB = 11
10dB = 10
9dB = 09
8dB = 08
7dB = 07
6dB = 06
5dB = 05
4dB = 04
3dB = 03
2dB = 02
1dB = 01
None = 1
FC/PC = 2
FC/SPC = 3
FC/APC = 4
SC/PC = 5
SC/SPC = 6
SC/APC = 7
ST = 8
LC/UPC = 9
MU = A
LC/APC = B
Connector Type
P1 + 250 µm bare fiber = 11
P2 + 900 µm loose tube = 22
P3 + 3 mm cable = 33
0.5 meter = H
1.0 meter = 1
1.5 meter = 5
2.0 meter = 2
Package Type & Fiber Jacket
Fiber Length*
Tap Ratio
1310 nm = 3
C band = 5
S band = 4
L band = 6
C+L band = 1
Wavelength
SWFA
1
P
0
0


Similar Part No. - SWFA5118P0022H1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFA5118P00 OPLINK-SWFA5118P00 Datasheet
165Kb / 3P
   Single Window Fixed In-line Attenuators
More results

Similar Description - SWFA5118P0022H1

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFA-S0101 OPLINK-SWFA-S0101 Datasheet
169Kb / 3P
   Single Window Fixed In-line Attenuators
SWFA3120P00 OPLINK-SWFA3120P00 Datasheet
165Kb / 3P
   Single Window Fixed In-line Attenuators
logo
Mini-Circuits
K2-BW2 MINI-K2-BW2 Datasheet
260Kb / 1P
   FIXED ATTENUATORS
K2-BW1 MINI-K2-BW1 Datasheet
257Kb / 1P
   FIXED ATTENUATORS
K5N-BW3 MINI-K5N-BW3 Datasheet
276Kb / 1P
   FIXED ATTENUATORS
K2-VAT-A++ MINI-K2-VAT-A+ Datasheet
316Kb / 1P
   Fixed Attenuators
REV. OR
K2-BW3 MINI-K2-BW3 Datasheet
277Kb / 1P
   FIXED ATTENUATORS
K2-UNAT MINI-K2-UNAT Datasheet
283Kb / 1P
   FIXED ATTENUATORS
K1-UNAT-A++ MINI-K1-UNAT-A+ Datasheet
179Kb / 1P
   Fixed Attenuators
REV. OR
K1-HAT-A++ MINI-K1-HAT-A+ Datasheet
203Kb / 1P
   Fixed Attenuators
REV. OR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com