Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3782 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB3782
Description  Switching Regulator Controller
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3782 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB3782 Datasheet HTML 1Page - Fujitsu Component Limited. MB3782 Datasheet HTML 2Page - Fujitsu Component Limited. MB3782 Datasheet HTML 3Page - Fujitsu Component Limited. MB3782 Datasheet HTML 4Page - Fujitsu Component Limited. MB3782 Datasheet HTML 5Page - Fujitsu Component Limited. MB3782 Datasheet HTML 6Page - Fujitsu Component Limited. MB3782 Datasheet HTML 7Page - Fujitsu Component Limited. MB3782 Datasheet HTML 8Page - Fujitsu Component Limited. MB3782 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
DS04-27205-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP Power Supplies
BIPOLAR
Switching Regulator Controller
MB3782
s DESCRIPTION
The FUJITSU MB3782 is a PWM-type switching regulator controller, designed with open-collector output for
connection to external drive transistors and coils, providing a selection of three types of output voltage: step-
up, step-down or inverting (inverting output is available on one circuit only).
The MB3782 features identical oscillator output waveforms to enable completely synchronous operation and
prevent the occurrence of low-frequency beat between channels.
Also, the MB3782 features low power dissipation (2.1 mA typ) and a built-in standby mode (10
µA), making
possible the configuration of a wide variety of high-efficiency, stable power supplies, even with the use of battery
power. The MB3782 is an ideal power supply for high-performance portable devices such as video camcorders
and cameras.
s FEATURES
• Wide voltage range (3.6 to 18 V)
• Low power dissipation (operating mode: 2.1 mA (typ), standby mode: 10
µA (max)
• Wide range of oscillator frequencies, high-frequency capability (1 to 500 kHz)
• On-chip timer-latch type short detection circuit
• On-chip undervoltage lockout circuit
• On-chip 2.50 V reference voltage circuit (1.25 V output available at RT pin)
• Dead time adjustment over full duty cycle range
• On-chip standby mode (power on/off function)
(Continued)
s PACKAGE
(DIP-20P-M01)
Plastic DIP, 20 pin
Plastic SOP, 20 pin
(FPT-20P-M01)


Similar Part No. - MB3782

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3782 FUJITSU-MB3782 Datasheet
226Kb / 27P
   ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782P FUJITSU-MB3782P Datasheet
226Kb / 27P
   ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782PF FUJITSU-MB3782PF Datasheet
226Kb / 27P
   ASSP Power Supplies BIPOLAR Switching Regulator Controller
MB3782 FUJITSU-MB3782_1 Datasheet
226Kb / 27P
   ASSP Power Supplies BIPOLAR Switching Regulator Controller
More results

Similar Description - MB3782

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8337AAAA-P8T1G SII-S-8337AAAA-P8T1G Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8351A20MC-J2FT2X SII-S-8351A20MC-J2FT2X Datasheet
2Mb / 51P
   SWITCHING REGULATOR CONTROLLER
S-8520A20MC-AVFT2X SII-S-8520A20MC-AVFT2X Datasheet
2Mb / 44P
   SWITCHING REGULATOR CONTROLLER
logo
Fujitsu Component Limit...
MB3778 FUJITSU-MB3778 Datasheet
276Kb / 29P
   Switching Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com