Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMTC148050P1154 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # PMTC148050P1154
Description  Polarization Maintaining Tap Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

PMTC148050P1154 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  PMTC148050P1154 Datasheet HTML 1Page - OPLINK Communications Inc. PMTC148050P1154 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Description
Features
PMTC Series
Specifications
Unit
Ultra P Grade
P Grade
A Grade
Wavelength Range
1450 ± 30
nm
1480 ± 30
1550 ± 30
Insertion Loss Tap Port
5%
≤ 13.8
dB
10%
≤ 10.8
50%
≤ 3.8
Insertion Loss Signal Port
5%
≤ 1.0
dB
10%
≤ 1.3
50%
≤ 3.8
Extinction Ratio @ 23 °C
≥ 23
≥ 20
≥ 18
dB
Optical Return Loss
≥ 50
dB
Directivity
≥ 50
dB
Direction of Incident Polarization
Slow Axis
dB
Operting Power Handling
≤ 500
mW
Operating Temperature
0 to +70
°C
Storage Temperature
-40 to +85
°C
Fiber Type
Fujikura Panda PM Fiber
Physical
Dimensions
P1 bare fiber
5.5±0.1 (Φ) x 34.0±1 (L)
mm
P2 900μm loose tube
5.5±0.1 (Φ) x 40.0±1 (L)
Applications
Performance Specificationns
Note:
1)
All the parameters are excluding connectors; ER is 3dB lower and after connector added
S0068 - R01. 20100603
Polarization Maintaining Tap Coupler
PMTC Series
Oplink’s Polarization Maintaining Tap Couplers (PMTC) is based on athermal
platform. The technology is a lead-free packaging platform and no epoxy in
the optical path. These devices feature super high extinction ratio, very high
power handling and low insertion loss. Oplink’s patented packaging technology
ensures the highest quality and reliability.
Oplink can provide customized designs to meet specialized feature applica-
tions. Also, Oplink offers modular assemblies that integrate other components
to form a full function module or subsystem.
Super High Extinction Ratio
Low Insertion Loss
Highly Stable & Reliable
Epoxy-Free Optical Path
Compact Size
High-Power Handling
EDFA
Raman Amplifier
40-Gbps, 100-Gbps Transmission
System
Laboratory R&D


Similar Part No. - PMTC148050P1154

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMTC1480A011 OPLINK-PMTC1480A011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1480A022 OPLINK-PMTC1480A022 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1480P011 OPLINK-PMTC1480P011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1480P022 OPLINK-PMTC1480P022 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC1480U011 OPLINK-PMTC1480U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
More results

Similar Description - PMTC148050P1154

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
PMTC1450U011 OPLINK-PMTC1450U011 Datasheet
299Kb / 2P
   Polarization Maintaining Tap Coupler
PMTC-S0068 OPLINK-PMTC-S0068 Datasheet
312Kb / 2P
   Polarization Maintaining Tap Coupler
logo
JDS Uniphase Corporatio...
FFP-513145 JDSU-FFP-513145 Datasheet
120Kb / 3P
   Fused Coupler,Polarization Maintaining (PM)
logo
OPLINK Communications I...
PMOC13100031 OPLINK-PMOC13100031 Datasheet
291Kb / 2P
   Polarization Maintaining Optical Circulators
PMOC-S0067 OPLINK-PMOC-S0067 Datasheet
154Kb / 2P
   Polarization Maintaining Optical Circulators
PMBC OPLINK-PMBC Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
logo
Lightel Technologies IN...
PMPC-0980-1-B-1 LIGHTEL-PMPC-0980-1-B-1 Datasheet
88Kb / 1P
   Polarization Maintaining Patch Cord
logo
OPLINK Communications I...
PBOC OPLINK-PBOC Datasheet
267Kb / 2P
   Polarization Maintaining Beam Splitter
PMBC-S0066 OPLINK-PMBC-S0066 Datasheet
316Kb / 2P
   Polarization Maintaining Beam Combiner
PMBC1450P0011 OPLINK-PMBC1450P0011 Datasheet
195Kb / 2P
   Polarization Maintaining Beam Combination
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com