Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRPE48KE2C00080 Datasheet(PDF) 5 Page - OPLINK Communications Inc.

Part # TRPE48KE2C00080
Description  Transceivers with Digital Diagnostics
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRPE48KE2C00080 Datasheet(HTML) 5 Page - OPLINK Communications Inc.

  TRPE48KE2C00080 Datasheet HTML 1Page - OPLINK Communications Inc. TRPE48KE2C00080 Datasheet HTML 2Page - OPLINK Communications Inc. TRPE48KE2C00080 Datasheet HTML 3Page - OPLINK Communications Inc. TRPE48KE2C00080 Datasheet HTML 4Page - OPLINK Communications Inc. TRPE48KE2C00080 Datasheet HTML 5Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Oplink Communications, Inc. reserves the right to make changes in equipment design or specifications without notice. Information supplied by Oplink Commu-
nications, Inc. is believed to be accurate and reliable. However, no responsibility is assumed by Oplink Communications, Inc. for its use nor for any infringements
of third parties, which may result from its use. No license is granted by implication or otherwise under any patent right of Oplink Communications, Inc.
© 2012, Oplink Communications, Inc.
2012-01-09
21737-0976, Rev.02
5
Mechanical Package
Ordering Information
1.49
]
9
5
0
.[
1.99
]
8
7
0
.[
0.45
]
8
1
0
.[
0.60
]
4
2
0
.[
0.60
]
4
2
0
.[
45.00
[1.772]
13.80
[.543]
2.50
]
8
9
0
.[
6.54
[.257]
41.80
[1.646]
6.25
[.246]
2.29
[.090]
Dimensions in inches [mm]
Defaulttolerances:
.xxx = + .005”, .xx = + .01”
Model Name
Nominal Wavelength
Latch Color
32dB Link Budget (100km Distance)1
- 5°C to +70°C
- 5°C to +85°C
TRPE48KE2C00010
TRPE48KE2E00010
1471nm
Gray
TRPE48KE2C00020
TRPE48KE2E00020
1491nm
Violet
TRPE48KE2C00030
TRPE48KE2E00030
1511nm
Blue
TRPE48KE2C00040
TRPE48KE2E00040
1531nm
Green
TRPE48KE2C00050
TRPE48KE2E00050
1551nm
Yellow
TRPE48KE2C00060
TRPE48KE2E00060
1571nm
Orange
TRPE48KE2C00070
TRPE48KE2E00070
1591nm
Red
TRPE48KE2C00080
TRPE48KE2E00080
1611nm
Brown
1
The indicated transmission distance is for guidelines only, not guaranteed. The exact distance is dependent on the fiber loss, connector and
splice loss, and allocated system penalty. Longer distances can be supported if the optical link power budget is satisfied.
TRPE48KE2 CWDM


Similar Part No. - TRPE48KE2C00080

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE48KE2C00080 OPLINK-TRPE48KE2C00080 Datasheet
788Kb / 5P
   Extended Reach Multi-rate OC-48/STM-16 LR-2/L-16.2 SFP CWDM Transceivers with Digital Diagnostics
More results

Similar Description - TRPE48KE2C00080

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03AI1C000E1 OPLINK-TRPE03AI1C000E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TRPC03-E1G OPLINK-TRPC03-E1G Datasheet
453Kb / 5P
   Transceivers with Digital Diagnostics
TRPE03-E1 OPLINK-TRPE03-E1 Datasheet
444Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGHI2X OPLINK-TXC3XGHI2X Datasheet
768Kb / 7P
   Transceivers with Digital Diagnostics
TRXAG1SX OPLINK-TRXAG1SX Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRPEG1KVX-E1G OPLINK-TRPEG1KVX-E1G Datasheet
638Kb / 5P
   Transceivers with Digital Diagnostics
TXC3XGJL2X OPLINK-TXC3XGJL2X Datasheet
730Kb / 7P
   Transceivers with Digital Diagnostics
TRPE48-E2 OPLINK-TRPE48-E2 Datasheet
625Kb / 5P
   Transceivers with Digital Diagnostics
TRD148XL2 OPLINK-TRD148XL2 Datasheet
318Kb / 8P
   DWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com