Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWFC3333A0011H3 Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # SWFC3333A0011H3
Description  Single Window Single Mode Wideband Fiber Coupler
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

SWFC3333A0011H3 Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  SWFC3333A0011H3 Datasheet HTML 1Page - OPLINK Communications Inc. SWFC3333A0011H3 Datasheet HTML 2Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
S0169 - R12. (web) 20140619
Product Description
Features
SWFC53/33 Series (1x3)
Premium
Grade A
Unit
Configuration
1x3
Operating Wavelength Range
1310nm
1290~1330
nm
C Band
1528~1565
L Band
1570~1610
Insertion Loss [1] [2]
< 5.5
< 5.8
dB
Uniformity
< 0.9
< 1.3
dB
Polarization Dependent Loss
< 0.20
< 0.25
dB
Temperature Dependent Loss
< 0.15
< 0.20
dB
Directivity
> 55
dB
Maximum Power Handling
500
mW
Operating Temperature Range
- 5 to + 70
°C
Storage Temperature Range
- 40 to + 85
°C
Fiber Type
Corning SMF-28e+ or equivalent
Package Dimensions
P1: 250µm bare fiber
P2: 900µm loose tube
P3: 3mm cable
(Ø) 3.0 x (L) 60.0
(Ø) 4.0 x (L) 70.0
(L) 96.0 x (W) 17.0 x (H) 6.4
mm
Applications
Performance Specificationns
Note:
[1] Values are referenced without connector loss.
[2] Insertion loss over operating wavelength range at ~23°C (excluding PDL and TDL).
L
Ø
Comm
Port 1
Port 2
Port 3
Single Window Single Mode Wideband
Fiber Coupler (1x3)
SWFC1x3 Series
Oplink’s single window, single mode wideband fiber couplers are highly stable for
multi-port optical signal splitting.They have very good uniformity, low excess loss
and very low polarization sensitivity.All devices are tested according to industry
standard test procedures and are supplied with all pertinent measurement data.
Oplink can provide customized designs to meet specialized feature applications.
Also, Oplink offers modular assemblies that integrate other components to form
a full function module or subsystem.
Single Fusion Compact Package
Ultra Low Polarization Sensitivity
Wavelength Independent
Highly Stable & Reliable
CATV
Local Area Networks
Subscriber Loops
Telecommunications


Similar Part No. - SWFC3333A0011H3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC3333A OPLINK-SWFC3333A Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
More results

Similar Description - SWFC3333A0011H3

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
SWFC5333P OPLINK-SWFC5333P Datasheet
134Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
UWFC OPLINK-UWFC Datasheet
175Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC-S0070 OPLINK-SWFC-S0070 Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
UWFC3150P OPLINK-UWFC3150P Datasheet
279Kb / 2P
   Single Window Single-Mode Wideband Fiber Coupler
SWFC9101P OPLINK-SWFC9101P Datasheet
303Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
SWFC1X3-S0169 OPLINK-SWFC1X3-S0169 Datasheet
155Kb / 2P
   Single Window Single Mode Wideband Fiber Coupler
SWFC OPLINK-SWFC Datasheet
188Kb / 3P
   Single Window Single Mode Wideband Fiber Coupler
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com