Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRP1G1KVXI00020G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TRP1G1KVXI00020G
Description  SFP CWDM Transceivers with Digital Diagnostics
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TRP1G1KVXI00020G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TRP1G1KVXI00020G Datasheet HTML 1Page - OPLINK Communications Inc. TRP1G1KVXI00020G Datasheet HTML 2Page - OPLINK Communications Inc. TRP1G1KVXI00020G Datasheet HTML 3Page - OPLINK Communications Inc. TRP1G1KVXI00020G Datasheet HTML 4Page - OPLINK Communications Inc. TRP1G1KVXI00020G Datasheet HTML 5Page - OPLINK Communications Inc. TRP1G1KVXI00020G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
S0137. Rev. 04 (web) 2013-02-15
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
st
- 40
+ 85
°C
Operating Case Temperature1
T
op
- 40
+ 85
°C
Supply Voltage
V
cc
0
+ 4.5
V
Input Voltage
V
in
0
V
cc
V
1
-40°C to 0°C is ambient, and 0°C to +85°C is case temperature. For case temperature, measure on top side of SFP module at the front center vent hole
of the cage.
Absolute Maximum Ratings
Pb
Multi-rate Gigabit Ethernet & Fibre Channel SFP
CWDM Transceivers with Digital Diagnostics
The TRP1G1xxXIxG SFP series of multi-rate fiber optic transceiv-
ers with integrated digital diagnostics monitoring functional-
ity provide a quick and reliable interface for Gigabit Ethernet
and 1.062GBd Fibre Channel applications. The transceivers are
designed to support data rates ranging from 1.25Gb/s down to
125Mb/s. Diagnostics monitoring functionality (alarm and warn-
ing features) is integrated into the design via an I2C serial inter-
face per the Multi-Source Agreement (MSA) SFF-8472, Rev. 9.4.
There are eight center wavelengths available: 1471nm, 1491nm,
1511nm, 1531nm, 1551nm, 1571nm, 1591nm and 1611nm. Three
optical link power budget options are offered, YX (22dB mini-
mum), ZX (24dB minimum) and VX (32dB minimum). They cor-
respond to transmission distances of 62km, 70km and 120km,
respectively (assuming a total connector/splice/CWDM mux and
demux loss of 4.5dB, allocated system penalty of 2dB and fiber
loss of 0.25dB/km). All modules satisfy Class I Laser Safety require-
ments in accordance with the U.S. FDA/CDRH and international
IEC-60825 standards.
The TRP1G1xxXIxG CWDM transceivers connect to standard 20-
pad SFP connectors for hot plug capability. This allows the system
designer to make configuration changes or maintenance by sim-
ply plugging in different types of transceivers without removing
the power supply from the host system.
The transceivers have colored bail-type latches, which offer an
easy and convenient way to release the modules. The latch is
compliant with the SFP MSA.
The transmitter and receiver DATA interfaces are AC coupled in-
ternally. LV-TTL Transmitter Disable control input and Loss of Sig-
nal output interfaces are also provided.
The transceivers operate from a single +3.3V power supply over
an operating temperature range of -40°C to +85°C (-40°C to 0°C is
ambient, and 0°C to +85°C is case). The housing is made of metal
for EMI immunity.
Product Description
Industrial Operating Temperature Range
Lead Free Design & Fully RoHS Compliant
Eight (8) Wavelength CWDM Transceivers
Compatible with SFP MSA
Compatible with IEEE 802.3z Gigabit Ethernet
1000BASE-LX PMD Specifications
Compatible with 1.062GBd Fibre Channel 100-SM-LC-L
FC-PI Standards
Digital Diagnostics through Serial Interface
Internal Calibration for Digital Diagnostics
Minimum Optical Link Power Budgets of 22dB, 24dB
and 32dB to Support 62km, 70km and 120km
Eye Safe (Class I Laser Safety)
Duplex LC Optical Interface
Loss of Signal Output & TX Disable Input
Hot-pluggable
Single +3.3V Power Supply
Features
TRP1G1xxXIxG CWDM


Similar Part No. - TRP1G1KVXI00020G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
TRP1G10V1D00000G OPLINK-TRP1G10V1D00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1I00000G OPLINK-TRP1G10V1I00000G Datasheet
532Kb / 5P
   Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
TRP1G10V1I00000G OPLINK-TRP1G10V1I00000G Datasheet
293Kb / 5P
   Transceivers with Digital Diagnostics
More results

Similar Description - TRP1G1KVXI00020G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TRPE03-G OPLINK-TRPE03-G Datasheet
327Kb / 5P
   SFP CWDM Transceivers with Digital Diagnostics
TRPEG1-G OPLINK-TRPEG1-G Datasheet
310Kb / 6P
   CWDM Transceivers with Digital Diagnostics
TRPE03EL2-E1G OPLINK-TRPE03EL2-E1G Datasheet
468Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRXA03 OPLINK-TRXA03 Datasheet
502Kb / 5P
   SFP Transceivers with Digital Diagnostics
TRPAG1YXHBAM1 OPLINK-TRPAG1YXHBAM1 Datasheet
539Kb / 5P
   Multi-rate Gigabit Ethernet & FibreChannel SFP CWDM Transceivers with Digital Diagnostics
TRPAG1YXHAAM1 OPLINK-TRPAG1YXHAAM1 Datasheet
522Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRC1G1JC1C000F6G OPLINK-TRC1G1JC1C000F6G Datasheet
535Kb / 5P
   Multi-rate Gigabit Ethernet & Fibre Channel SFP CWDM Transceivers with Digital Diagnostics
TRXAG1M OPLINK-TRXAG1M Datasheet
527Kb / 5P
   SFP Single Mode Transceivers with Digital Diagnostics
TRPEG1-E2G OPLINK-TRPEG1-E2G Datasheet
348Kb / 5P
   Fibre Channel SFP Transceivers with Digital Diagnostics
TRPAG1VXM OPLINK-TRPAG1VXM Datasheet
510Kb / 5P
   Very Long Haul Multi-rate Gigabit Ethernet SFP CWDM Transceivers with Digital Diagnostics
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com